Electronic Components Datasheet Search
  English  ▼

X  

LTC1417C Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1417C
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417C Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1417C Datasheet HTML 13Page - Linear Technology LTC1417C Datasheet HTML 14Page - Linear Technology LTC1417C Datasheet HTML 15Page - Linear Technology LTC1417C Datasheet HTML 16Page - Linear Technology LTC1417C Datasheet HTML 17Page - Linear Technology LTC1417C Datasheet HTML 18Page - Linear Technology LTC1417C Datasheet HTML 19Page - Linear Technology LTC1417C Datasheet HTML 20Page - Linear Technology LTC1417C Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
17
LTC1417
DIGITAL INTERFACE
The LTC1417 operates in serial mode. The RD control input
is common to all peripheral memory interfacing. Only four
digital interface lines are required, SCLK, CONVST,
EXTCLKIN and DOUT. SCLK, the serial data shift clock can
be an external input or supplied by the LTC1417’s internal
clock.
Internal Clock
The ADC has an internal clock. Either the internal clock or
an external clock may be used as the conversion clock (see
Figure 15). The internal clock is factory trimmed to achieve
a typical conversion time of 1.8
µs, and a maximum con-
version time over the full operating temperature range of
2.5
µs. No external adjustments are required, and with the
guaranteed maximum acquisition time of 0.5
µs, through-
put performance of 400ksps is assured.
Conversion Control
Conversion start is controlled by the signal applied to the
CONVST input. A falling edge on the signal applied to the
CONVST pin starts a conversion. Once initiated, it cannot
be restarted until the conversion is complete. Converter
status is indicated by the BUSY output. BUSY is low during
a conversion.
Data Output
Output will be active when RD is low. A high RD will three-
state the ouput. In unipolar mode (VSS = 0V), the data will
be in straight binary format (corresponding to the unipolar
input range). In bipolar mode (VSS = –5V), the data will be
in two’s complement format (corresponding to the bipolar
input range).
Serial Output Mode
Conversions are started by a falling CONVST edge. After a
conversion is completed and the output shift register has
been updated, BUSY will go high and valid data will be
available on DOUT (Pin 9). This data can be clocked out
either before the next conversion starts or it can be clocked
out during the next conversion. To enable the serial data
output buffer and shift clock, RD must be low.
Figure 15 shows a function block diagram of the LTC1417.
There are two pieces to this circuitry: the conversion clock
selection circuit (EXTCLKIN and CLKOUT) and the serial
port (SCLK, DOUT and RD).
APPLICATIONS INFORMATION
THREE
STATE
BUFFER
THREE
STATE
BUFFER
12
RD
7
• • •
SCLK
EXTCLKIN
6
BUSY
1417 F15
DOUT
9
CLKOUT
8
14
SHIFT
REGISTER
INTERNAL
CLOCK
CLOCK
DETECTOR
16 CONVERSION CLOCK CYCLES
EOC
DATA
IN
14
DATA
OUT
CLOCK
INPUT
• • •
SAR
Figure 15. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com