Electronic Components Datasheet Search
  English  ▼

X  

LTC1417C Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1417C
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417C Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1417C Datasheet HTML 2Page - Linear Technology LTC1417C Datasheet HTML 3Page - Linear Technology LTC1417C Datasheet HTML 4Page - Linear Technology LTC1417C Datasheet HTML 5Page - Linear Technology LTC1417C Datasheet HTML 6Page - Linear Technology LTC1417C Datasheet HTML 7Page - Linear Technology LTC1417C Datasheet HTML 8Page - Linear Technology LTC1417C Datasheet HTML 9Page - Linear Technology LTC1417C Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
LTC1417
TYPICAL PERFOR A CE CHARACTERISTICS
Signal-to-Noise Ratio
vs Input Frequency
Distortion vs Input Frequency
Spurious-Free Dynamic Range
vs Input Frequency
INPUT FREQUENCY (kHz)
1
–120
–100
–80
–60
–40
0
10
100
THD
2ND
3RD
1417 G05
1000
–20
Nonaveraged, 4096 Point FFT,
Input Frequency = 10kHz
Nonaveraged, 4096 Point FFT,
Input Frequency = 200kHz
Intermodulation Distortion Plot
FREQUENCY (kHz)
0
–120
–100
–80
–60
–40
40
100
140
200
1417 G09
–20
0
20
60 80
120
160 180
fSAMPLE = 400kHz
fIN1 = 97.303466kHz
fIN2 = 104.632568kHz
VIN = 4.096VP-P
Input Offset Voltage Shift
vs Source Resistance
Input Common Mode Rejection
vs Input Frequency
Power Supply Feedthrough
vs Ripple Frequency
INPUT FREQUENCY (kHz)
1
70
60
50
40
30
20
10
0
1417 G11
10
100
1000
(TA = 25°C)
INPUT FREQUENCY (Hz)
1k
0
90
80
70
60
50
40
30
20
10
1417 G04
100k
1M
10k
INPUT FREQUENCY (Hz)
1k
–120
–40
–20
0
10k
100k
1M
1417 G06
–60
–80
–100
FREQUENCY (kHz)
0
100
50
0
–20
–40
–60
–80
–100
–120
150
1417 G07
200
fSAMPLE = 400kHz
fIN = 10.05859375kHz
SFDR = –97.44dB
SINAD = 81.71dB
FREQUENCY (kHz)
0
50
100
0
–20
–40
–60
–80
–100
–120
150
1417 G08
200
fSAMPLE = 400kHz
fIN = 197.949188kHz
SFDR = –98dB
SINAD = 81.1dB
RIPPLE FREQUENCY (Hz)
1k
10k
100k
1417 G10
1M
10M
0
20
40
60
80
100
120
VSS
VDD
DGND
VRIPPLE = 60mV
fSAMPLE = 400kHz
fIN = 200kHz
INPUT SOURCE RESISTANCE (
Ω)
110
4
5
6
7
8
100
1k
10k
100k
1M
1417 G12
3
2
1
0
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com