Electronic Components Datasheet Search
  English  ▼

X  

LTC1418 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1418
Description  Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1418 Datasheet(HTML) 3 Page - Linear Technology

  LTC1418 Datasheet HTML 1Page - Linear Technology LTC1418 Datasheet HTML 2Page - Linear Technology LTC1418 Datasheet HTML 3Page - Linear Technology LTC1418 Datasheet HTML 4Page - Linear Technology LTC1418 Datasheet HTML 5Page - Linear Technology LTC1418 Datasheet HTML 6Page - Linear Technology LTC1418 Datasheet HTML 7Page - Linear Technology LTC1418 Datasheet HTML 8Page - Linear Technology LTC1418 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LTC1418
(Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
S/(N + D) Signal-to-Noise Plus Distortion Ratio
97.5kHz Input Signal
q
79
81.5
dB
THD
Total Harmonic Distortion
100kHz Input Signal, First 5 Harmonics
q
– 94
– 86
dB
SFDR
Spurious Free Dynamic Range
100kHz Input Signal
q
86
95
dB
IMD
Intermodulation Distortion
fIN1 = 97.7kHz, fIN2 = 104.2kHz
– 90
dB
Full Power Bandwidth
5
MHz
Full Linear Bandwidth
S/(N + D)
≥ 77dB
0.5
MHz
ACCURACY
IC
DY A
(Note 5)
I TER AL REFERE CE CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF Output Voltage
IOUT = 0
2.480
2.500
2.520
V
VREF Output Tempco
IOUT = 0, Commercial
q
±10
±45
ppm/
°C
IOUT = 0, Industrial
±20
ppm/
°C
VREF Line Regulation
4.75V
≤ VDD ≤ 5.25V
0.05
LSB/ V
– 5.25V
≤ VSS ≤ –4.75V
0.05
LSB/ V
VREF Output Resistance
0.1mA
≤ IOUT≤ 0.1mA
8
k
Ω
(Note 5)
DIGITAL I PUTS AND OUTPUTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 5.25V
q
2.4
V
VIL
Low Level Input Voltage
VDD = 4.75V
q
0.8
V
IIN
Digital Input Current
VIN = 0V to VDD
q
±10
µA
CIN
Digital Input Capacitance
1.4
pF
VOH
High Level Output Voltage
VDD = 4.75V, IO = – 10µA
4.74
V
VDD = 4.75V, IO = – 200µA
q
4.0
V
VOL
Low Level Output Voltage
VDD = 4.75V, IO = 160µA
0.05
V
VDD = 4.75V, IO = 1.6mA
q
0.10
0.4
V
IOZ
Hi-Z Output Leakage D13 to D0
VOUT = 0V to VDD, CS High
q
±10
µA
COZ
Hi-Z Output Capacitance D13 to D0
CS High (Note 9)
q
15
pF
ISOURCE
Output Source Current
VOUT = 0V
– 10
mA
ISINK
Output Sink Current
VOUT = VDD
10
mA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Positive Supply Voltage (Notes 10, 11)
4.75
5.25
V
VSS
Negative Supply Voltage (Note 10)
Bipolar Only (VSS = 0V for Unipolar)
– 4.75
– 5.25
V
IDD
Positive Supply Current
Unipolar, RD High (Note 5)
q
3.0
4.3
mA
Bipolar, RD High (Note 5)
q
3.9
4.5
mA
Nap Mode
SHDN = 0V, CS = 0V (Note 12)
570
µA
Sleep Mode
SHDN = 0V, CS = 5V (Note 12)
2
µA
ISS
Negative Supply Current
Bipolar, RD High (Note 5)
q
1.4
1.8
mA
Nap Mode
SHDN = 0V, CS = 0V (Note 12)
0.1
µA
Sleep Mode
SHDN = 0V, CS = 5V (Note 12)
0.1
µA
PDIS
Power Dissipation
Unipolar
q
15.0
21.5
mW
Bipolar
q
26.5
31.5
mW
(Note 5)
POWER REQUIRE E TS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com