Electronic Components Datasheet Search
  English  ▼

X  

LTC1418 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1418
Description  Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1418 Datasheet(HTML) 5 Page - Linear Technology

  LTC1418 Datasheet HTML 1Page - Linear Technology LTC1418 Datasheet HTML 2Page - Linear Technology LTC1418 Datasheet HTML 3Page - Linear Technology LTC1418 Datasheet HTML 4Page - Linear Technology LTC1418 Datasheet HTML 5Page - Linear Technology LTC1418 Datasheet HTML 6Page - Linear Technology LTC1418 Datasheet HTML 7Page - Linear Technology LTC1418 Datasheet HTML 8Page - Linear Technology LTC1418 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LTC1418
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (kHz)
0
–120
–100
–80
–60
–40
20
50
70
100
1418 G05
–20
0
10
30 40
60
80
90
fSAMPLE = 200kHz
fIN1 = 97.65625kHz
fIN2 = 104.248046kHz
Intermodulation Distortion Plot
FREQUENCY (kHz)
0
10
305070
90
0
–20
–40
–60
–80
–100
–120
20
40
60
80
1418 F02a
100
fSAMPLE = 200kHz
fIN = 9.9609375kHz
SFDR = 99.32
SINAD = 82.4
Nonaveraged, 4096 Point FFT,
Input Frequency = 10kHz
INPUT FREQUENCY (Hz)
10k
100k
1M
1418 G04
0
–20
–40
–60
–80
–100
–120
S/(N + D) vs Input Frequency
and Amplitude
INPUT FREQUENCY (Hz)
90
80
70
60
50
40
30
20
10
0
1k
100k
1M
1418 G01
10k
VIN = –60dB
VIN = 0dB
VIN = –20dB
FREQUENCY (kHz)
0
10
305070
90
0
–20
–40
–60
–80
–100
–120
20
40
60
80
1418 F02b
100
fSAMPLE = 200kHz
fIN = 97.509765kHz
SFDR = 94.29
SINAD = 81.4
Nonaveraged, 4096 Point FFT,
Input Frequency = 100kHz
Typical INL Curve
OUTPUT CODE
4096
0
–1.0
–0.5
0
0.5
1.0
8192
1418 TA02
12288
16384
OUTPUT CODE
0
–1.0
– 0.5
0
0.5
1.0
4096
8192
1418 G06
12288
16384
Differential Nonlinearity
vs Output Code
INPUT FREQUENCY (Hz)
0
–20
–40
–60
–80
–100
–120
1418 G03
1k
100k
1M
10k
THD
2ND
3RD
Distortion vs Input Frequency
Spurious-Free Dynamic Range
vs Input Frequency
Signal-to-Noise Ratio
vs Input Frequency
INPUT FREQUENCY (Hz)
1k
0
90
80
70
60
50
40
30
20
10
1418 G02
100k
1M
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com