Electronic Components Datasheet Search
  English  ▼

X  

LTC1417AIGN Datasheet(PDF) 25 Page - Linear Technology

Part # LTC1417AIGN
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417AIGN Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC1417AIGN Datasheet HTML 21Page - Linear Technology LTC1417AIGN Datasheet HTML 22Page - Linear Technology LTC1417AIGN Datasheet HTML 23Page - Linear Technology LTC1417AIGN Datasheet HTML 24Page - Linear Technology LTC1417AIGN Datasheet HTML 25Page - Linear Technology LTC1417AIGN Datasheet HTML 26Page - Linear Technology LTC1417AIGN Datasheet HTML 27Page - Linear Technology LTC1417AIGN Datasheet HTML 28Page - Linear Technology LTC1417AIGN Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
25
LTC1417
*
(This assumes an E-Clock frequency of 4MHz. For higher
*
E-Clock frequencies, change the above value of $50 to a
*
value that ensures the SCK frequency is 2MHz or less.)
GETDATAPSHX
PSHY
PSHA
*
*****************************************
* Setup indecies
*
*****************************************
*
LDX
#$0
The X register is used as a pointer to the memory
*
locations that hold the conversion data
LDY
#$1000
*
*****************************************
* The next short loop ensures that the
*
* LTC1417’s conversion is finished
*
* before starting the SPI data transfer *
*****************************************
*
CONVENDLDAA
PORTC
Retrieve the contents of port D
ANDA
#%10000000
Look at Bit7
*
Bit7 = Hi; the LTC1417’s conversion is complete
*
Bit7 = Lo; the LTC1417’s conversion is not
*
complete
BPL
CONVEND
Branch to the loop’s beginning while Bit7 remains
*
low
*
*************************************************************************
* This routine sends data to the LTC1417 and sets its MUX channel. The
*
* very first time this routine is entered produces invalid data. Each
*
* time thereafter, the data will correspond to the previous active
*
* CONVST signal sent to the LTC1417.
*
*************************************************************************
*
LDAA
#$00
Dummy value for upper byte of 16-bit SPI transfer
BCLR
PORTD,Y %00100000
This sets the SS* output bit to a logic
*
low, selecting the LTC1417
STAA
SPDR
Transfer Accum. A contents to SPI register to initiate
*
serial transfer
WAITMX1 LDAA
SPSR
Get SPI transfer status
BPL
WAITMX1If the transfer is not finished, read status
LDAA
SPDR
Load accumulator A with the current byte of LTC1417 data
*
that was just received
STAA
DIN1
Transfer the LTC1417’s high byte (Bit13 - Bit6) to memory
LDAA
MUX
Retrieve MUX address
ORAA
#$08
Set the MUX’s ENABLE bit
STAA
SPDR
Transfer Accum. A contents to SPI register to initiate
*
serial transfer
WAITMX2 LDAA
SPSR
Get SPI transfer status
BPL
WAITMX2If the transfer is not finished, read status
BSET
PORTD,Y %00100000
This sets the SS* output bit to a logic
*
high, de-selecting the LTC1417
LDAA
SPDR
Load accumulator A with the current byte of LTC1417 data
*
that was just received
STAA
DIN2
Transfer the LTC1417’s low byte (Bit5 - Bit0) to memory
LDD
DIN1
Load the contents of DIN1 and DIN2 into the double
*
accumulator D
LSRD
LSRD
Two logical shifts to the right to right justify the
*
14-bit conversion results
STD
DIN1
Place right justified result back in memory
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com