Electronic Components Datasheet Search
  English  ▼

X  

LTC1417AIGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1417AIGN
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417AIGN Datasheet(HTML) 4 Page - Linear Technology

  LTC1417AIGN Datasheet HTML 1Page - Linear Technology LTC1417AIGN Datasheet HTML 2Page - Linear Technology LTC1417AIGN Datasheet HTML 3Page - Linear Technology LTC1417AIGN Datasheet HTML 4Page - Linear Technology LTC1417AIGN Datasheet HTML 5Page - Linear Technology LTC1417AIGN Datasheet HTML 6Page - Linear Technology LTC1417AIGN Datasheet HTML 7Page - Linear Technology LTC1417AIGN Datasheet HTML 8Page - Linear Technology LTC1417AIGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
LTC1417
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSAMPLE(MAX)
Maximum Sampling Frequency
q
400
kHz
tCONV
Conversion Time
q
1.8
2.25
µs
tACQ
Acquisition Time
q
150
500
ns
tACQ + tCONV
Acquisition Plus Conversion Time
q
2.1
2.5
µs
t1
SHDN
↑ to CONVST↓ Wake-Up Time from Nap Mode
(Note 10)
500
ns
t2
CONVST Low Time
(Notes 10, 11)
q
40
ns
t3
CONVST to BUSY Delay
CL = 25pF
q
35
70
ns
t4
Data Ready Before BUSY
↑
CL = 25pF
q
712
ns
t5
Delay Between Conversions
(Note 10)
q
250
ns
t6
Wait Time RD
↓ After BUSY↑
q
–5
ns
t7
Data Access Time After RD
↓
CL = 25pF
15
30
ns
q
40
ns
CL = 100pF
20
40
ns
q
55
ns
t8
Bus Relinquish Time
q
35
ns
t9
RD Low Time
q
t7
ns
t10
CONVST High Time
q
40
ns
t11
Delay Time, SCLK
↓ to DOUT Valid
CL = 25pF
q
15
40
ns
t12
Time from Previous Data Remain Valid After SCLK
↓
CL = 25pF
q
510
ns
fSCLK
Shift Clock Frequency
(Note 13)
q
0
20
MHz
fEXTCLKIN
External Conversion Clock Frequency
q
0.05
9
MHz
tdEXTCLKIN
Delay Time, CONVST
↓ to External Conversion Clock Input (Note 9)
q
20
µs
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Positive Supply Voltage (Notes 10, 11)
4.75
5.25
V
VSS
Negative Supply Voltage (Note 10)
Bipolar Only (VSS = 0V for Unipolar)
– 4.75
– 5.25
V
IDD
Positive Supply Current
Unipolar, RD High (Note 5)
q
4.0
5.5
mA
Bipolar, RD High (Note 5)
q
4.3
6.0
mA
Nap Mode
SHDN = 0V, RD = 0V
750
µA
Sleep Mode
SHDN = 0V, RD = 5V
0.1
µA
ISS
Negative Supply Current
Bipolar, RD High (Note 5)
q
2.0
2.8
mA
Nap Mode
SHDN = 0V, RD = 0V
0.7
µA
Sleep Mode
SHDN = 0V, RD = 5V
1.5
nA
PDIS
Power Dissipation
Unipolar
q
20.0
27.5
mW
Bipolar
q
31.5
44
mW
POWER REQUIRE E TS The q indicates specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 5)
The q indicates specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
TI I G CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com