Electronic Components Datasheet Search
  English  ▼

X  

LTC1429 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1429
Description  Clock-Synchronized Switched Capacitor Regulated Voltage Inverter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1429 Datasheet(HTML) 3 Page - Linear Technology

  LTC1429 Datasheet HTML 1Page - Linear Technology LTC1429 Datasheet HTML 2Page - Linear Technology LTC1429 Datasheet HTML 3Page - Linear Technology LTC1429 Datasheet HTML 4Page - Linear Technology LTC1429 Datasheet HTML 5Page - Linear Technology LTC1429 Datasheet HTML 6Page - Linear Technology LTC1429 Datasheet HTML 7Page - Linear Technology LTC1429 Datasheet HTML 8Page - Linear Technology LTC1429 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1429
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Setting output to < – 7V will exceed the total voltage maximum
rating with a 5V supply. With supplies higher than 4V the output should
never be set to exceed (VCC – 12V).
Note 3: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground, unless otherwise
specified. All typicals are given at TA = 25°C.
Note 4: C1 = C2 = 0.1
µF means the specifications apply to tripler mode
where VCC – VOUT = 3.3VCC (LTC1429CS only; the LTC1429CS8 cannot be
connected in tripler mode), with C1 connected between C1+ and C1– and
C2 connected between C2+ and C2–. C2 = 0 implies doubler mode where
VCC – VOUT = 2VCC; for the LTC1429CS, this means C1 connects from C1
+
to C2– with C1– and C2+ floating. For the LTC1429CS8 in doubler mode,
C1 connects from C1+ to C1– ; there are no C2 pins.
Note 5: Adjustable output parts only; does not apply to fixed output parts.
Note 6: For output voltages below – 4.5V, the LTC1429 may reach 50%
duty cycle and fall out of regulation with heavy load or low input voltages.
Beyond this point, the output will follow the input with no regulation.
Note 7: LTC1429 will operate with square wave of 40% to 60% duty cycle.
For best performance, use a square wave with 50% duty cycle.
Note 8: Maximum frequency is not tested. Typical part can be used
beyond 2MHz.
LTC1429CS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆VOUT
Output Regulation
– 1.24V
≥ VOUT ≥ –4V, 0 ≤ IOUT ≤ 12mA
q
15
%
– 4V
≥ VOUT ≥ –5V, 0 ≤ IOUT ≤ 8mA
q
25
%
ISC
Output Short Circuit Current
VOUT = 0V
q
35
75
mA
VRIP
Output Ripple Voltage
IOUT = 5mA, VOUT = – 4V
5
mV
Doubler Mode, VCC = 5V, C1 = 0.1µF, C2 = 0 (Note 4), COUT = 3.3µF, FSYNC =700kHz with 50% duty cycle, unless otherwise noted.
LTC1429CS8/LTC1429CS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆VOUT
Output Regulation
– 1.24V
≥ VOUT ≥ –4V, 0 ≤ IOUT ≤ 10mA
q
15
%
– 4V
≥ VOUT ≥ –4.5V, 0 ≤ IOUT ≤ 10mA (Note 6)
q
25
%
VOUT
Output Voltage
VOUT Set to – 4V, 0 ≤ IOUT ≤ 10mA
q
– 3.80
– 4.00
– 4.20
V
ISC
Output Short Circuit Current
VOUT = 0V
q
80
125
mA
VRIP
Output Ripple Voltage
IOUT = 5mA, VOUT = – 4V
10
mV
Tripler Mode,VCC = 3.3V, C1 = C2 = 0.1µF (Note 4), COUT = 3.3µF,
FSYNC = 700kHz with 50% duty cycle square wave, unless otherwise noted.
Maximum Output Current vs
Supply Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage vs Output Current
Output Voltage vs Supply Voltage
OUTPUT CURRENT (mA)
0
–4.02
–4.06
–4.10
–4.08
–4.04
–4.00
–3.96
–3.92
8
LTC1429 • TPC01
–3.98
– 3.94
–3.90
2
135
79
4
6
10
TA = 25°C
VCC = 3.3V
TRIPLER MODE
VCC = 5V
DOUBLER MODE
SUPPLY VOLTAGE (V)
3.0
–4.04
–4.05
–4.06
7.0
LTC1429 • TPC02
–4.03
–4.02
–4.00
4.0
5.0
6.0
–4.01
–4.08
–4.07
3.5
4.5
5.5
6.5
DOUBLER MODE
IL = 5mA
TRIPLER MODE
IL = 5mA
TA = 25°C
SUPPLY VOLTAGE (V)
3.0
0
5
15
20
25
6.5
6.0
45
LTC1429 • TPC03
10
3.5
4.0
4.5
5.0
5.5
7.0
30
35
40
VOUT = –4V ± 5%
TA = 25°C
TRIPLER MODE
DOUBLER MODE
(See Test Circuits; Figure 1 for Doubler Mode, Figure 2 for Tripler Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com