Electronic Components Datasheet Search
  English  ▼

X  

LTC1429 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1429
Description  Clock-Synchronized Switched Capacitor Regulated Voltage Inverter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1429 Datasheet(HTML) 5 Page - Linear Technology

  LTC1429 Datasheet HTML 1Page - Linear Technology LTC1429 Datasheet HTML 2Page - Linear Technology LTC1429 Datasheet HTML 3Page - Linear Technology LTC1429 Datasheet HTML 4Page - Linear Technology LTC1429 Datasheet HTML 5Page - Linear Technology LTC1429 Datasheet HTML 6Page - Linear Technology LTC1429 Datasheet HTML 7Page - Linear Technology LTC1429 Datasheet HTML 8Page - Linear Technology LTC1429 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1429
PIN FUNCTIONS
pump to operate erratically or the device to shut down. A
logic high or low at the SYNC/SD pin will put the device
into SHUTDOWN and drop the supply current to 0.2
µA.
The LTC1429 will operate with input square wave of 40%
to 60% duty cycle. For best performance, use a square
wave of 50% duty cycle.
VCC (Pin 14/Pin 1): Power Supply. This requires an input
voltage between 3V and 6.5V. Certain combinations of
output voltage and operating mode may place additional
restrictions on the input voltage; see the Applications
Information section for details. VCC must be bypassed to
ground with at least a 0.1
µF capacitor, placed in close
proximity to the chip; again, see the Applications Informa-
tion section.
TEST CIRCUITS
Figure 2. Tripler Mode
effect on output ripple; see the Applications Information
section for more details.
REG (Pin 12/Pin 7): This is an open drain output that pulls
low when the output voltage is within 5% of the set value.
It will sink 10mA to ground with a 5V supply. The external
circuitry must provide a pull-up or REG will not swing high.
The voltage at REG may exceed VCC; it can be pulled up to
12V above ground without damage.
SYNC/SD (Pin 13/Pin 8): Synchronous Clock Input. A
minimum input clock frequency (60kHz with VCC ≤ 5V and
100kHz with VCC = 6.5V) must be applied to this input to
keep the LTC1429 operating normally. An input clock
below the minimum frequency may cause the charge
Figure 1. Doubler Mode
1
2
3
4
8
7
6
5
0.1
µF
10
µF
0.001
µF
VOUT = –4V ± 5%
5V
3.3
µF
VCC
GND
C1+
C1–
SYNC/SD
COMP
REG
OUT
LTC1429-4CS8
LTC1429 • TC01
FSYNC = 700kHz
APPLICATIONS INFORMATION
MODES OF OPERATION
The LTC1429 uses a charge pump to generate a negative
output voltage that can be regulated to a value either
higher or lower than the original input voltage. It has two
modes of operation: a doubler inverting mode, which can
provide a negative output equal to or less than the positive
power supply, and a tripler inverting mode, which can
provide negative output voltages either larger or smaller in
magnitude than the original positive supply. The tripler
offers greater versatility and wider input range but re-
quires four external capacitors and a 14-pin package; the
doubler offers the SO-8 package and requires only three
external capacitors. The optional compensation capacitor
at ADJ/COMP is used to reduce the ripple output voltage.
Doubler Mode
This mode allows the LTC1429 to generate negative
output voltage magnitudes up to that of the supply voltage,
10
9
8
13
7
11
0.001
µF
VOUT = –4V ± 5%
3.3
µF
LTC1429 • TC02
FSYNC = 700kHz
NC
NC
10
µF
+
VIN = 3.3V
VCC
GND
ADJ
SYNC/SD
R0
OUT
RADJ
R1
LTC1429CS
14
6
2
3
4
5
C1+
C1–
C2+
C2–
0.1
µF
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com