Electronic Components Datasheet Search
  English  ▼

X  

LTC1474 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1474
Description  Low Quiescent Current High Efficiency Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1474 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1474 Datasheet HTML 9Page - Linear Technology LTC1474 Datasheet HTML 10Page - Linear Technology LTC1474 Datasheet HTML 11Page - Linear Technology LTC1474 Datasheet HTML 12Page - Linear Technology LTC1474 Datasheet HTML 13Page - Linear Technology LTC1474 Datasheet HTML 14Page - Linear Technology LTC1474 Datasheet HTML 15Page - Linear Technology LTC1474 Datasheet HTML 16Page - Linear Technology LTC1474 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC1474/LTC1475
APPLICATIONS INFORMATION
Figure 9. LTC1474/LTC1475 Layout Diagram (See Board Layout Checklist)
+
+
VOUT
VIN
VIN
RSENSE
VFB
COUT
CIN
10pF
1000pF
R2
100k
LTC1474
R1
D1
LBO
LBI
GND
RUN
SENSE
SW
L
1474/75 F09
8
7
6
5
1
2
3
4
BOLD LINES INDICATE HIGH PATH CURRENTS
0.1
µF
OUTPUT DIVIDER REQUIRED WITH
ADJUSTABLE VERSION ONLY
5. Are the signal and power grounds segregated? The
signal ground consists of the (–) plate of COUT, Pin 4 of
the LTC1474/LTC1475 and the resistive divider. The
power ground consists of the Schottky diode anode,
the (–) plate of CIN and the 0.1µF decoupling capacitor.
6. Is a 100k resistor connected in series between RUN
(Pin 8) and the RUN control voltage? The resistor
should be as close as possible to Pin 8.
Design Example (Refer to RSENSE and Inductor
Selection)
As a design example, assume VIN = 10V, VOUT = 3V, and
a maximum average output current IMAX = 100mA. With
this information, we can easily calculate all the important
components:
From the equation (1),
RSENSE = (0.067/0.1) – 0.25 = 0.42Ω
Using the standard resistors (1
Ω, 1Ω and 2Ω) in parallel
provides 0.4
Ω without having to use a more expensive
low value current shunt type resistor (see RSENSE Selec-
tion section).
With RSENSE = 0.4Ω, the peak inductor current IPEAK is
calculated from (2), neglecting the second term, to be
150mA. The minimum inductance is, therefore, from the
equation (3) and assuming VD = 0.4V,
L
s
H
MIN =
+
()(
)
−
=
075 3 3 0 4 4 75
015 0 1
264
..
.
.
..
µ
µ
From Figure 3, an inductance of 270
µH is chosen from the
recommended region. The CDRH73-271 or CD54-271 is a
good choice for space limited applications.
For the feedback resistors, choose R1 = 1M to minimize
supply current. R2 can then be calculated from the equa-
tion (4) to be:
R
V
RM
OUT
2
123
11 1 43
=−


•=
.
.
For the catch diode, the MBR0530 will work well in this
application.
For the input and output capacitors, AVX 4.7
µF and 100µF,
respectively, low ESR TPS series work well and meet the
RMS current requirement of 100mA/2 = 50mA. They are
available in small “C” case sizes with 0.15
Ω ESR. The
0.15
Ω output capacitor ESR will result in 25mV of output
voltage ripple.
Figure 10 shows the complete circuit for this example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com