Electronic Components Datasheet Search
  English  ▼

X  

LTC1474 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1474
Description  Low Quiescent Current High Efficiency Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1474 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1474 Datasheet HTML 12Page - Linear Technology LTC1474 Datasheet HTML 13Page - Linear Technology LTC1474 Datasheet HTML 14Page - Linear Technology LTC1474 Datasheet HTML 15Page - Linear Technology LTC1474 Datasheet HTML 16Page - Linear Technology LTC1474 Datasheet HTML 17Page - Linear Technology LTC1474 Datasheet HTML 18Page - Linear Technology LTC1474 Datasheet HTML 19Page - Linear Technology LTC1474 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LTC1474/LTC1475
TYPICAL APPLICATIONS
Figure 17. Pushbutton On/Off 5V/250mA Regulator
Figure 18. LTC1475 Regulator with 1-Button Toggle On/Off
1474/75 F17
VIN
GND
SENSE
LBI/OFF
ON
VOUT
LBO
SW
LTC1475-5
6
3
8
1
2
5
7
4
100k
ON
OFF
4.7
µF**
35V
0.1
µF
VIN
5.7V TO 18V
3.65M
L*
100
µH
D1
MBR0530
+
+
33
µF†
10V
VOUT
5V
250mA
1M
* SUMIDA CDRH73-101
** AVX TPSC475M035
† AVX TPSC336M010
1474/75 F18
VIN
GND
SENSE
LBI/OFF
ON
VOUT
LBO
SW
LTC1475-3.3
6
3
8
1
2
5
7
4
100k
ON/OFF
4.7
µF**
35V
0.1
µF
0.1
µF
µC
VIN
4V TO 18V
VCC
L*
100
µH
D1
MBR0530
+
100
µF†
6.3V
VOUT
3.3V
250mA
MMBD914LT1
2.2M
1M
+
* SUMIDA CDRH73-101
** AVX TPSC475M035
† AVX TPSC107M006
Figure 16. High Efficiency 3.3V Regulator with Low Battery Lockout
1474/75 F16
VIN
GND
SENSE
LBI
RUN
VOUT
LBO
SW
LTC1474-3.3
6
3
8
1
2
5
7
4
100k
RUN
4.7
µF†
35V
0.1
µF
VIN
4V TO 18V
2.2M
1M
L*
100
µH
D1
MBR0530
+
+
100
µF††
6.3V
VOUT
3.3V
250mA
* SUMIDA CDRH73-101
† AVX TPSC475M035
†† AVX TPSC107M006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com