Electronic Components Datasheet Search
  English  ▼

X  

TS393 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS393
Description  Low Power Low Offset Voltage Dual Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS393 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS393 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS393
Taiwan Semiconductor
Document Number: DS_P0000198
5
Version: B15
APPLICATION INFORMATION
This dual comparator feature high gain, wide bandwidth characteristics. This gives the device oscillation tendencies
if the outputs are capacitive coupled to the inputs via stray capacitance. This oscillation manifests itself during
output transitions (VOL to VOH). To alleviate this situation input resistors<10k
Ω should be used. The addition of
positive feedback (<10 mV) is also recommended. It is good design practice to ground all unused pins. Differential
input voltages may be larger than supply voltage without damaging the comparator's inputs. Voltages more
negative than -0.3V should not be used.
Figure 4. Time Delay Generator
Figure 5. Free-Running Square-Wave Oscillator
Figure 6. Zero Crossing Detector (Single Supply)
Figure 7. Comparator with Hysteresis



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com