Electronic Components Datasheet Search
  English  ▼

X  

TS393 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS393
Description  Low Power Low Offset Voltage Dual Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS393 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS393 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS393
Taiwan Semiconductor
Document Number: DS_P0000198
1
Version: B15
Low Power Low Offset Voltage Dual Comparators
GENERAL DESCRIPTION
The TS393 is dual independent precision voltage
comparators capable of single-supply or split-supply
operation. The specifications as low as 2.0 mV make
this device an excellent ground level with single-supply
operation. Input
offset-voltage selection
for many
applications in consumer automotive, and It is designed
to
permit
a
common
mode
range-to-
industrial
electronics.
FEATURES
●
Output voltage compatible with DTL, ECL, TTL,
MOS and CMOS Logic levels
●
Low input bias current 25nA
●
Low input offset current
±0.5nA
●
Low input offset voltage
±2mV (typ)
●
Input common mode range to ground level
●
Differential input voltage range equal to power
supply voltage
●
Very low supply current drain (0.4mA) –
independent of supply voltage
●
Wide single-supply range 2V~36V
●
Split- supply range
±1V to ±18V
DIP-8
SOP-8
Pin Definition:
1.
Output A
2.
Input A (-)
3.
Input A (+)
4.
GND
5.
Input B (+)
6.
Input B (-)
7.
Output B
8.
VCC
Notes: Moisture sensitivity level: level 3. Per J-STD-020
TYPICAL APPLICATIN CIRCUIT
Zero Crossing Detector (Single Supply)


Similar Part No. - TS393

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS393 STMICROELECTRONICS-TS393 Datasheet
179Kb / 7P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
Jan-2003
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393 Datasheet
141Kb / 6P
Dual Voltage Comparator
logo
STMicroelectronics
TS393 STMICROELECTRONICS-TS393 Datasheet
155Kb / 12P
Micropower dual CMOS voltage comparators
28-Apr-2008
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393 Datasheet
244Kb / 7P
Low Power Low Offset Voltage Dual Comparators
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
3A Ultra Low Dropout Positive Voltage Regulator
More results

Similar Description - TS393

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
Low-Power, Low-Offset Voltage, Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
Low Power Low Offset Voltage Dual Comparators
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com