Electronic Components Datasheet Search
  English  ▼

X  

TS2596 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS2596
Description  3A / 150KHz Buck Dc-Dc Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2596 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS2596 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TS2596
3A / 150KHz Buck Dc-Dc Converter
3/9
Version: E13
Block Diagram
Typical Application Circuit
1. Adjustable Output Voltage Version
VIN=12V
C2
0.1uF
D1
B340A
L1
33uH
1
2
C3
470uF
C1
470uF
U1
1
2
3
4
5
Vcc
SW
FB
EN
Vss
Vout=5.0V/3A
VIN=12V
ON/OFF
C6
0.1uF
R2
1.5K
R1
4.7K
VIN=24V
C2
0.1uF
D1
B340A
L1
47uH
1
2
C3
470uF
C1
470uF
U1
1
2
3
4
5
Vcc
SW
FB
EN
Vss
Vout=5.0V/3A
VIN=24V
C6
0.1uF
R2
1.5K
R1
4.7K
VOUT = VFB
×(1 +
R2
R1
), VFB = 1.23V, R2 = 0.7K ~ 3K
VOUT
R2
R1
5.0V
1.5K
4.7K
3.3V
1.5K
2.5K
2.5V
1.5K
1.5K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com