Electronic Components Datasheet Search
  English  ▼

X  

TS2937CP50RO Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS2937CP50RO
Description  500mA Ultra Low Dropout Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2937CP50RO Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS2937CP50RO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2937CP50RO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2937CP50RO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2937CP50RO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2937CP50RO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2937CP50RO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2937CP50RO Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2937CP50RO Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2937CP50RO Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TS2937
500mA Ultra Low Dropout Voltage Regulator
4/10
Version: D13
Application Information (Continue)
Thermal Characteristics
A heatsink may be required depending on the maximum power dissipation and maximum ambient temperature of
the application. Under all possible operating conditions, the junction temperature must be within the range specified
under absolute maximum ratings. To determine if the heatsink is required, the power dissipated by the regulator, PD
must be calculated.
The below formula shows the voltages and currents for calculating the PD in the regulator:
IIN = IL / IG
PD = (VIN-VOUT) * IL + (VIN) * IG
Ex. PD = (3.3V-2.5V) * 0.5A + 3.3V * 11mA
= 400mW + 36mW
= 436mW
Remark: IL is output load current,
IG is ground current.
VIN is input voltage
VOUT is output voltage
The next parameter which must be calculated is the maximum allowable temperature rise.
TR(max) is calculated by the using to formula:
TR(max) = TJ(max) – TA(max)
Where: TJ(max) is the maximum allowable junction temperature, which is 125
oC for commercial grade parts.
TA(max) is the maximum ambient temperature which will be encountered in the application.
Using the calculated values for TR(max) and PD, the maximum allowable value for the junction to ambient thermal
resistance, θja, can now be found:
θja = TR(max) / PD
IMPORTANT: if the maximum allowable value for is found to be ≥6
oC /W for the TO-220 package, ≥80oC/W for the
TO-263 package, ≥150
oC/W for the TO-252 package, or ≥170oC /W for the SOT-223 package, no heatsink is
needed since the package alone will dissipate enough heat to satisfy these requirements. If the calculated value for
θja falls below these limits, a heatsink is required.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com