Electronic Components Datasheet Search
  English  ▼

X  

TS2937CP50RO Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS2937CP50RO
Description  500mA Ultra Low Dropout Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2937CP50RO Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2937CP50RO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2937CP50RO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2937CP50RO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2937CP50RO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2937CP50RO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2937CP50RO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2937CP50RO Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2937CP50RO Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2937CP50RO Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TS2937
500mA Ultra Low Dropout Voltage Regulator
1/10
Version: D13
TO-220
TO-263
(D
2PAK)
TO-252
(DPAK)
SOT-223
General Description
TS2937 of fixed-voltage monolithic micro-power voltage regulators is designed for a wide range of applications.
This device excellent choice of use in battery-power application. Furthermore, the quiescent current increases on
slightly at dropout, which prolongs battery life. This series of fixed-voltage regulators features very low ground
current (200uA Typ.) and very low drop output voltage (Typ. 60mV at light load and 600mV at 500mA). This
includes a tight initial tolerance of 2%, extremely good line regulation of 0.05% typ., and very low output
temperature coefficient.
Features
●
Dropout voltage typically 0.6V @ Io=500mA
●
Output voltage trimmed before assembly
●
-18V Reverse peak voltage
●
+30V Input over voltage protection
●
+60V Transient peak voltage
●
Internal current limit
●
Thermal shutdown protection
Ordering Information
Note: Where xx denotes voltage option, available are
12= 12V
50= 5V
33= 3.3V
Contact factory for additional voltage options.
Part No.
Package
Packing
TS2937CZxx C0
TO-220
50pcs / Tube
TS2937CMxx RN
TO-263
800pcs / 13” Reel
TS2937CPxx RO
TO-252
2.5Kpcs / 13” Reel
TS2937CWxx RP
SOT-223
2.5Kpcs / 13” Reel
Block Diagram
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
-18 ~ +60
V
Operation Input Supply Voltage
VOPR
26
V
Power Dissipation
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Pin Definition:
1. Input
2. Ground
3. Output


Similar Part No. - TS2937CP50RO

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2937CP5 TSC-TS2937CP5 Datasheet
152Kb / 6P
500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937CP5.0 TSC-TS2937CP5.0 Datasheet
152Kb / 6P
500mA Ultra Low Dropout Fixed Positive Voltage Regulator
More results

Similar Description - TS2937CP50RO

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Acutechnology Semicondu...
AQ533 ACUTECH-AQ533 Datasheet
633Kb / 10P
Ultra-Low Dropout 500mA Voltage Regulator
Revision 1.7 September 13, 2006
AQ8211 ACUTECH-AQ8211 Datasheet
631Kb / 10P
Ultra-Low Dropout 500mA Voltage Regulator with Enable
Revision 2.1 January 22, 2007
logo
Taiwan Semiconductor Co...
TS2937 TSC-TS2937_07 Datasheet
443Kb / 10P
500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_08 Datasheet
568Kb / 10P
500mA Ultra Low Dropout Voltage Regulator
TS2937CZ50 TSC-TS2937CZ50 Datasheet
247Kb / 10P
500mA Ultra Low Dropout Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
500mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com