Electronic Components Datasheet Search
  English  ▼

X  

LTC1518 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1518
Description  52Mbps Precision Delay RS485 Quad Line Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1518 Datasheet(HTML) 1 Page - Linear Technology

  LTC1518 Datasheet HTML 1Page - Linear Technology LTC1518 Datasheet HTML 2Page - Linear Technology LTC1518 Datasheet HTML 3Page - Linear Technology LTC1518 Datasheet HTML 4Page - Linear Technology LTC1518 Datasheet HTML 5Page - Linear Technology LTC1518 Datasheet HTML 6Page - Linear Technology LTC1518 Datasheet HTML 7Page - Linear Technology LTC1518 Datasheet HTML 8Page - Linear Technology LTC1518 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1518/LTC1519
52Mbps Precision Delay
RS485 Quad Line Receivers
100
Ω
A 1
4
EN
EN
RO
1518/19 F08
1/4 LTC1518
LTC1685
LTC1685
12
3
2 B
7
6
3
2
DE
DI
RO
4
1
100
Ω
7
6
3
2
DE
DI
RO
4
1
RE
RE
DESCRIPTION
s
Precision Propagation Delay: 18.5ns
±3.5ns Over
Temperature
s
High Data Rate:
52Mbps
s
Low tPLH/tPHL Skew: 500ps Typ
s
Low Channel-to-Channel Skew: 500ps Typ
s
–7V to 12V RS485 Input Common Mode Range
s
Input Resistance
≥22k, Even When Unpowered
s
Guaranteed Fail-Safe Operation over the Entire
Common Mode Range
s
Hot Swap
TM Capable
s
High Common Mode Rejection to 26MHz
s
Short-Circuit Protection: 10mA Typ Output Current
for an Indefinite Short
s
Three-State Output Capability
s
Will Not Oscillate with Slow Moving Input Signals
s
Single 5V Supply
s
Pin Compatible with LTC488, LTC489
FEATURES
The LTC
®1518/LTC1519 are high speed, precision delay
differential quad bus/line receivers that can operate at data
rates as high as 52Mbps. They are pin compatible with the
LTC488/LTC489 RS485 line receivers and operate over the
entire – 7V to 12V common mode range. A unique architec-
ture provides very stable propagation delays and low skew
over wide input common mode, input overdrive and ambi-
ent temperature ranges. Propagation delay is 18.5ns
±3.5ns. Typical tPLH/tPHL and channel-to-channel skew is
500ps.
Each receiver translates differential input levels (
VID ≥
300mV) into valid CMOS and TTL output levels. Its high
input resistance (
≥22k) allows many receivers to be con-
nected to the same driver. The receiver outputs go into a
high impedance state when disabled.
The receivers have a fail-safe feature that guarantees a high
output state when the inputs are shorted or left floating.
Other protection features include thermal shutdown and a
controlled maximum short-circuit current (50mA Max).
Input resistance remains
≥22k when the device is
unpowered or disabled, thus allowing hot swapping with-
out loading the data lines.
The LTC1518/LTC1519 operate from a single 5V supply
and draw 12mA of supply current.
APPLICATIONS
s
High Speed RS485/RS422 Receivers
s
STS-1/OC-1 Data Receivers
s
PECL Line Receivers
s
Level Translators
s
Fast-20/Fast-40 SCSI Receiver
Propagation Delay Guaranteed to Fall
Within Shaded Area (
±3.5ns)
1518/19 TA02
VIN =
3V/DIV
VOUT =
5V/DIV
–5
5
15
TIME (ns)
25
35
0
10203040 45
RECEIVER
INPUT
VID = 1.5V
RECEIVER
OUTPUT
VDD = 5V
52Mbps Data Communication over Twisted Pair
TYPICAL APPLICATION
, LTC and LT are registered trademarks of Linear Technology Corporation.
Hot Swap is a trademark of Linear Technology Corporation.


Similar Part No. - LTC1518

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1518 LINER-LTC1518 Datasheet
184Kb / 12P
52Mbps Precision Delay RS485 Quad Line Receivers
LTC1518 LINER-LTC1518 Datasheet
190Kb / 12P
52Mbps Precision Delay RS485 Quad Line Receivers
LTC1518CS LINER-LTC1518CS Datasheet
184Kb / 12P
52Mbps Precision Delay RS485 Quad Line Receivers
LTC1518IS LINER-LTC1518IS Datasheet
184Kb / 12P
52Mbps Precision Delay RS485 Quad Line Receivers
LTC1518 LINER-LTC1518_1 Datasheet
184Kb / 12P
52Mbps Precision Delay RS485 Quad Line Receivers
More results

Similar Description - LTC1518

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1685 LINER-LTC1685 Datasheet
269Kb / 12P
52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1686 LINER-LTC1686 Datasheet
285Kb / 12P
52Mbps Precision Delay RS485 Fail-Safe Transceivers
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489_06 Datasheet
242Kb / 17P
Quad line receivers
13-Apr-2006
logo
Linear Technology
LTC1518 LINER-LTC1518_1 Datasheet
184Kb / 12P
52Mbps Precision Delay RS485 Quad Line Receivers
LTC1685IS8 LINER-LTC1685IS8 Datasheet
173Kb / 12P
52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1685 LINER-LTC1685_15 Datasheet
191Kb / 12P
52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1518 LINER-LTC1518_15 Datasheet
190Kb / 12P
52Mbps Precision Delay RS485 Quad Line Receivers
LTC1519 LINER-LTC1519_15 Datasheet
190Kb / 12P
52Mbps Precision Delay RS485 Quad Line Receivers
LTC1686 LINER-LTC1686_15 Datasheet
190Kb / 12P
52Mbps Precision Delay RS485 Fail-Safe Transceivers
LTC1687 LINER-LTC1687_15 Datasheet
190Kb / 12P
52Mbps Precision Delay RS485 Fail-Safe Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com