Electronic Components Datasheet Search
  English  ▼

X  

LTC1518 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1518
Description  52Mbps Precision Delay RS485 Quad Line Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1518 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1518 Datasheet HTML 2Page - Linear Technology LTC1518 Datasheet HTML 3Page - Linear Technology LTC1518 Datasheet HTML 4Page - Linear Technology LTC1518 Datasheet HTML 5Page - Linear Technology LTC1518 Datasheet HTML 6Page - Linear Technology LTC1518 Datasheet HTML 7Page - Linear Technology LTC1518 Datasheet HTML 8Page - Linear Technology LTC1518 Datasheet HTML 9Page - Linear Technology LTC1518 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1518/LTC1519
SWITCHI G TI E WAVEFOR S t
r = tf ≤ 3ns for all input and enable signals.
Figure 1. Propagation Delay Test Circuit and Waveforms
2.5V
2.5V
VDD/2
VDD/2
4V
1V
INPUT
OUTPUT
tPLH
tPHL
1518/19 F01
–
+
INPUT
2.5V
OUTPUT
15pF
1518/19 F01b
1/4
LTC1518
LTC1519
Figure 2. Receiver Enable and Disable Timing Test Circuit
and Waveforms
SAME INPUT FOR BOTH PACKAGES
INPUT
A1, B1
VID = 1.5V
PACKAGE 1
OUT 1
1518/19 F04
tPKG-PKG
tPKG-PKG
PACKAGE 2
OUT 1
Figure 4. Package-to-Package Propagation Delay Skew
VDD/2
VDD/2
VDD/2
VDD/2
4V
B1, B2 = 2.5V
1V
CH1 OUT
INPUT
A1, A2
CH2 OUT
tCH-CH
tCH-CH
1518/19 F03
Figure 3. Any Channel to Any Channel Skew, Same Package
1.5V
2.5V
2.5V
CL
1k
1k
S1
S2
tZH
tZL
1.5V
tLZ
0.2V
0.2V
tHZ
VDD
OUTPUT
NORMALLY LOW
OUTPUT
NORMALLY HIGH
0V
3V
ENABLE
5V
VOL
VOH
0V
RECEIVER
OUTPUT
OUT 1
OUT 1
1518/19 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com