Electronic Components Datasheet Search
  English  ▼

X  

LTC1519CS Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1519CS
Description  52Mbps Precision Delay RS485 Quad Line Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1519CS Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1519CS Datasheet HTML 4Page - Linear Technology LTC1519CS Datasheet HTML 5Page - Linear Technology LTC1519CS Datasheet HTML 6Page - Linear Technology LTC1519CS Datasheet HTML 7Page - Linear Technology LTC1519CS Datasheet HTML 8Page - Linear Technology LTC1519CS Datasheet HTML 9Page - Linear Technology LTC1519CS Datasheet HTML 10Page - Linear Technology LTC1519CS Datasheet HTML 11Page - Linear Technology LTC1519CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1518/LTC1519
APPLICATIONS INFORMATION
When the inputs are accidentally shorted (by cutting
through a cable, for example), the short-circuit fail-safe
feature will guarantee a high output logic level. Note also
that if the line driver is removed and the termination
resistors are left in place, the receiver will see this as a
“short” and output a logic high.
Both of these fail-safe features will keep the receiver from
outputting false data pulses under fault conditions.
Single-Ended Applications
Over short distances, the LTC1518/LTC1519 can be con-
figured to receive single-ended data by tying one input to
a fixed bias voltage and connecting the other input to the
driver output. In such applications, standard high speed
CMOS logic may be used as a driver for the LTC1518/
LTC1519. With a 22k minimum input resistance, the
receiver trip points may be easily adjusted to accommo-
date different driver output swings by changing the resis-
tor divider at the fixed input. Figure 6a shows a single-
ended receiver configuration with the driver and receiver
connected via PC traces. Note that at very high speeds,
transmission line and driver ringing effects must be con-
sidered. Motorola’s
MECL System Design Handbook serves
as an excellent reference for transmission line and termi-
nation effects. To mitigate transmission errors and duty
cycle distortion due to driver ringing, a small output filter
or a dampening resistor on the driver’s VDD may be needed
as shown in Figure 6b. With an open circuit voltage of 3.3V
at both inputs, the receivers can be used without an
external bias applied to the fixed inputs. The fixed input
should be bypassed with a 0.01
µF ceramic capacitor. The
positive input should be driven with a 5V CMOS pat in
order to minimize the skew caused by the 3.3V threshold.
Figure 6c shows this configuration. Note that due to the
–
+
2.2k
5V
PC TRACE
1/4
LTC1518
LTC1519
MC74ACT04
(TTL INPUT)
MC74AC04
(CMOS INPUT)
2.2k
1518/19 F06a
0.01
µF
Figure 6a. Single-Ended Receiver
Figure 6b. Techniques to Minimize Driver Ringing
10
Ω
PC TRACE
OR
PC TRACE
0.01
µF
MC74AC04
1518/19 F06b
10pF
10
Ω
Figure 6c. Self Biased Single Ended Receiver
–
+
PC TRACE
1/4
LTC1518
LTC1519
MC74ACT04
(TTL INPUT)
MC74AC04
(CMOS INPUT)
1518/19 F06c
0.01
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com