Electronic Components Datasheet Search
  English  ▼

X  

LTC1519CS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1519CS
Description  52Mbps Precision Delay RS485 Quad Line Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1519CS Datasheet(HTML) 4 Page - Linear Technology

  LTC1519CS Datasheet HTML 1Page - Linear Technology LTC1519CS Datasheet HTML 2Page - Linear Technology LTC1519CS Datasheet HTML 3Page - Linear Technology LTC1519CS Datasheet HTML 4Page - Linear Technology LTC1519CS Datasheet HTML 5Page - Linear Technology LTC1519CS Datasheet HTML 6Page - Linear Technology LTC1519CS Datasheet HTML 7Page - Linear Technology LTC1519CS Datasheet HTML 8Page - Linear Technology LTC1519CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1518/LTC1519
TYPICAL PERFORMANCE CHARACTERISTICS
CMRR vs Frequency
Supply Current vs Data Rate
DATA RATE (Mbps)
0
50
45
40
35
30
25
20
15
10
5
0
40
LTC1518/19 • TPC05
10
20
30
50
TA = 25°C
VCM = 2.5V
VID = 1.5V
4 RECEIVERS
SWITCHING
1 RECEIVER
SWITCHING
Supply Current
vs Temperature and Data Rate
Propagation Delay
vs Common Mode
COMMON MODE (V)
–6
25
20
15
10
5
0
–2
2
412
LTC1464 • TPC08
–4
0
6
8
10
TA = 25°C
VID = 1.5V
Maximum Data Rate
vs Input Differential Voltage
INPUT DIFFERENTIAL (V)
0.3
70
60
50
40
30
20
10
0
0.5
1.0
1.5
2.0
LTC1518/19 • TPC10
2.5
TA = 25°C
VCM = 2.5V
FREQUENCY (Hz)
10
42.0
42.5
43.5
44.0
44.5
46.5
1518/19 G01
43.0
1k
100k
10M
45.0
45.5
46.0
TA = 25°C
VCM = 2.5V
DATA RATE (Mbps)
0
25
20
15
10
5
0
40
LTC1518/19 • TPC06
10
20
30
50
100
°C
25
°C
–25
°C
0
°C
1 RECEIVER
SWITCHING
VCM = 2.5V
VID = 1.5V
Propagation Delay
vs Load Capacitance
LOAD CAPACITANCE (pF)
5
15 25
35
55
105
205
30
25
20
15
10
5
0
LTC1518/19 • TPC07
TA = 25°C
VCM = 2.5V
VID = 1.5V
TEMPERATURE (
°C)
–50
–25
0
10
25
0
50
75
1518/19 G02
5
20
15
25
100
125
VCM = 2.5V
VID = 1.5V
Propagation Delay (tPLH/tPHL)
vs Temperature
Propagation Delay
vs Input Differential Voltage
INPUT DIFFERENTIAL (V)
0.3
25
20
15
10
5
0
0.5
1.0
1.5
2.0
LTC1518/19 • TPC09
2.5
TA = 25°C
VCM = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com