Electronic Components Datasheet Search
  English  ▼

X  

TS19310 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS19310
Description  Single-Stage PFC TRIAC Dimmable LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19310 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19310 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19310 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19310 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19310 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19310 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19310 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19310 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19310 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS19310A/B
Single-Stage PFC
TRIAC Dimmable LED Driver
2/8
Version: A14
Thermal Information
Parameter
Symbol
Range
Unit
Thermal Resistance Junction to Ambient
(Note 3)
RθJA
220
°C/W
Thermal Resistance Junction to Case
RθJC
106.6
°C/W
Recommended Operating Conditions
(Note 4)
Parameter
Symbol
Conditions
Unit
Power Supply Pin
VCC
34.5
V
DMG Voltage to GND
VDMG
-0.3 to 11.2
V
OUT Voltage to GND
VOUT
-0.3 to 19
V
CS Voltage to GND
VCS
-0.3 to 5
V
COM Voltage to GND
VCOM
-0.3 to 5
V
Operating Junction Temperature Range
TJ
-40 to +125
°C
Operating Ambient Temperature Range
TOPA
-40 to +85
°C
Electrical Characteristics (TA= 25°C, unless otherwise specified.)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Turn-on Voltage
VCC_ON
17
18
19
V
Turn-off Voltage
VCC_OFF
8.5
9.5
10
V
Quiescent Current 1
IQ1
VCC=17V, at VCC off
--
30
50
μA
Quiescent Current 2
IQ2
Start up at 4.5 kHz
--
600
800
μA
Operation Supply Current
ICC
--
2.5
3.0
mA
Protection
VCC Voltage Protection
VOVPA
31
32
34
V
Output Voltage Protection
VOVPS
10
10.5
11
V
CS Limit Voltage
VOCP
1.15
1.25
1.35
V
Short Circuit Protection
(Note 5)
VO_STR
--
3
--
V
Oscillator
Start-up Timer
tSTR
--
222
--
μs
GM Amplifier
Transconductance
gm
--
60
--
μS
Source Current
ICOMP_SOU
--
20
--
μA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com