Electronic Components Datasheet Search
  English  ▼

X  

TS19310 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS19310
Description  Single-Stage PFC TRIAC Dimmable LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19310 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS19310 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19310 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19310 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19310 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19310 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19310 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19310 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19310 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS19310A/B
Single-Stage PFC
TRIAC Dimmable LED Driver
3/8
Version: A14
Electrical Characteristics (TA= 25°C, unless otherwise specified.)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Driver
Dropout Voltage
VOH
VCC=33V, IO = 10mA
--
1.2
1.5
V
VOL
VCC=33V, IO = -10mA
--
0.12
--
V
Rise Time
tRISE
VCC=20V, CO =1nF
--
40
--
ns
Fall Time
tFALL
VCC=20V, CO =1nF
--
80
--
ns
Output Clamp Voltage
VO_CLAMP
--
--
19
V
Leading Edge Blanking Time
tLEB
--
500
--
ns
Over Temperature Protection
(Note 6)
OTP Trip Point
--
150
--
°C
OTP Release Point
--
115
--
°C
OTP Threshold Hysteresis
--
35
--
°C
Notes:
1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These
are for stress ratings. Functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may remain possibility to affect device reliability.
2.
Devices are ESD sensitive. Handling precaution recommended.
3.
Thermal Resistance is specified with the component mounted on a low effective thermal conductivity test board
in free air at TA=25°C.
4.
The device is not guaranteed to function outside its operating conditions.
5.
Guaranteed by design.
6.
Auto recovery type.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com