Electronic Components Datasheet Search
  English  ▼

X  

LTC1530CS8 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1530CS8
Description  High Power Synchronous Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1530CS8 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1530CS8 Datasheet HTML 16Page - Linear Technology LTC1530CS8 Datasheet HTML 17Page - Linear Technology LTC1530CS8 Datasheet HTML 18Page - Linear Technology LTC1530CS8 Datasheet HTML 19Page - Linear Technology LTC1530CS8 Datasheet HTML 20Page - Linear Technology LTC1530CS8 Datasheet HTML 21Page - Linear Technology LTC1530CS8 Datasheet HTML 22Page - Linear Technology LTC1530CS8 Datasheet HTML 23Page - Linear Technology LTC1530CS8 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
LTC1530
LTC1530 High Efficiency Boost Converter
PVCC
GND
LTC1530
G1
15
2
1530 TA05a
4
8
7
6
Q3
IRF7811
Q4
IRF7811
R7
71.5k
1%
R6
23.2k
1%
Q2
IRF7811
D2
MBR0530T1
R4
360
Ω
D3
MBRS140T3
3
COMP
G2
IMAX
IFB
VSENSE
R2
47k
D1
FMMD914
+
C16
330
µF
10V
C17
330
µF
10V
C18
330
µF
10V
L1
1
µH
+
C14
330
µF
10V
+
C15
330
µF
10V
C13
1
µF
16V
VOUT
5V
6A
+
L2
2.1
µH
R5
0.005
Ω
5%
+
C12
470
µF
6V
C9
0.22
µF
16V
+
C1
10
µF
16V
C8
1
µF
16V
C6
1
µF
16V
+
C11
470
µF
6V
+
C10
1
µF
16V
C2
1
µF
16V
C3
1
µF
16V
R1
10k
R3
47k
C5
0.022
µF
Q1
FMMT3904
L1 = COILCRAFT DO3316P-102
L2 = SUMIDA CEE125C-2R1
VIN
GND
VOUT
C1–
C1+
C4
100pF
C7
0.22
µF
16V
5
1
VIN
3.3V
2
3
4
LTC1517-5
Efficiency vs Load Current
LOAD CURRENT (A)
0
0
20
40
60
1
2
34
1530 TA05b
5
80
100
10
30
50
70
90
6
TA = 25°C
VIN = 3.3V
VOUT = 5V
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com