Electronic Components Datasheet Search
  English  ▼

X  

LTC1540 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1540
Description  Nanopower Comparator with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1540 Datasheet(HTML) 1 Page - Linear Technology

  LTC1540 Datasheet HTML 1Page - Linear Technology LTC1540 Datasheet HTML 2Page - Linear Technology LTC1540 Datasheet HTML 3Page - Linear Technology LTC1540 Datasheet HTML 4Page - Linear Technology LTC1540 Datasheet HTML 5Page - Linear Technology LTC1540 Datasheet HTML 6Page - Linear Technology LTC1540 Datasheet HTML 7Page - Linear Technology LTC1540 Datasheet HTML 8Page - Linear Technology LTC1540 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1540
Nanopower Comparator
with Reference
V +
R1
4.32M
1%
R2
3M
1%
3.3V
V –
21
7
8
GND
OUT
LTC1540
1540 • TA01
IN+
IN–
HYST
REF
3
4
5
6
–
+
TEMPERATURE (
°C)
–40
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
20
60
1540 • TA02
–20
0
40
80
100
V+ = 5V
V– = GND = 0V
The LTC
®1540 is an ultralow power, single comparator
with built-in reference. The comparator’s features
include less than 0.6
µA supply current over the commer-
cial temperature range, a 1.182V
±2% reference, pro-
grammable hysteresis and TTL/CMOS outputs that sink
and source current. The reference output can drive a
bypass capacitor of up to 0.01
µF without oscillation.
The comparator operates from a single 2V to 11V supply
or a dual
±1V to ±5.5V supply. Comparator hysteresis is
easily programmed by using two resistors and the HYST
pin. Each comparator’s input operates from the negative
supply to within 1.3V of the positive supply. The compara-
tor output stage can continuously source up to 40mA. By
eliminating the cross-conducting current that normally
occur when the comparator changes logic states, power
supply glitches are eliminated.
The LTC1540 is available in the 8-pin MSOP and SO
packages.
FEATURES
DESCRIPTION
TYPICAL APPLICATION
Nanopower 2.9V VCC Threshold Detector
LTC1540 Supply Current vs Temperature
s
Ultralow Quiescent Current: 0.3
µA Typ
s
Reference Output Drives 0.01
µF Capacitor
s
Adjustable Hysteresis
s
Wide Supply Range: 2V to 11V
s
Input Voltage Range Includes the Negative Supply
s
Reference Output Sources Up to 1mA
s
TTL/CMOS Compatible Outputs
s
60
µs Propagation Delay with 10mV Overdrive
s
No Crowbar Current
s
40mA Continuous Source Current
s
Pin Compatible with LTC1440, MAX921, MAX931
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Battery-Powered System Monitoring
s
Threshold Detectors
s
Window Comparators
s
Oscillator Circuits
APPLICATIONS


Similar Part No. - LTC1540

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
248Kb / 16P
Ultralow Power Single/Dual Comparator with Reference
LTC1540 LINER-LTC1540 Datasheet
405Kb / 18P
Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC1540 LINER-LTC1540 Datasheet
233Kb / 14P
Ultralow Power Quad
LTC1540 LINER-LTC1540 Datasheet
179Kb / 20P
Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
LTC1540 LINER-LTC1540 Datasheet
147Kb / 12P
Nanopower Comparator with Reference
More results

Similar Description - LTC1540

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV3012 BURR-BROWN-TLV3012 Datasheet
236Kb / 13P
Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
1.6V Nanopower Comparator with Internal Reference
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
logo
Linear Technology
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
Nanopower Comparator with Reference
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
1.6V Nanopower Comparator with Internal Reference
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
Nanopower Op Amp, Comparator, and Reference
TSM917 SILABS-TSM917 Datasheet
1Mb / 15P
1.8V Nanopower Comparator with Internal 1.245V Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com