Electronic Components Datasheet Search
  English  ▼

X  

LTC1540 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1540
Description  Nanopower Comparator with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1540 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1540 Datasheet HTML 3Page - Linear Technology LTC1540 Datasheet HTML 4Page - Linear Technology LTC1540 Datasheet HTML 5Page - Linear Technology LTC1540 Datasheet HTML 6Page - Linear Technology LTC1540 Datasheet HTML 7Page - Linear Technology LTC1540 Datasheet HTML 8Page - Linear Technology LTC1540 Datasheet HTML 9Page - Linear Technology LTC1540 Datasheet HTML 10Page - Linear Technology LTC1540 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1540
APPLICATIONS INFORMATION
Hysteresis
Hysteresis can be added to the LTC1540 by connecting a
resistor (R1) between the REF and HYST pins and a
second resistor (R2) from HYST to V – (Figure 5).
The difference between the upper and lower threshold
voltages, or hysteresis voltage band (VHB), is equal to twice
the voltage difference between the REF and HYST pins.
When more hysteresis is added, the upper threshold
increases the same amount as the low threshold de-
creases. The maximum voltage allowed between REF and
HYST pins is 50mV, producing a maximum hysteresis
voltage band of 100mV. The hysteresis band may vary by
up to 15%. If hysteresis is not wanted, the HYST pin
should be shorted to REF. Acceptable values for IREF range
from 0.1
µA to 5µA. If 2.4M is chosen for R2, then the value
of R1 (k
Ω) is equal to the value of VHB (mV).
6
R2
HYST
V–
REF
5
R1
1540 • F05
LTC1540
2
IREF
R1 =
VHB
(2)(IREF)
R2 =
IREF
1.182V –
()
VHB
2
Figure 5. Programmable Hysteresis
Figure 6. Glitch-Free Level Detector with Hysteresis
TYPICAL APPLICATIONS
Level Detector
The LTC1540 is ideal for use as a nanopower level detector
as shown in Figure 6. R1 and R2 form a voltage divider
from VIN to the noninverting comparator input. R3 and R4
set the hysteresis voltage, and R5 and C1 bypass the
reference output. The following design procedure can be
used to select the component values:
1. Choose the VIN voltage trip level, in this example 4.65V.
2. Calculate the required resistive divider ratio.
Ratio = VREF/VIN
Ratio = 1.182V/4.65V = 0.254
3. Choose the required hysteresis voltage band at the
input VHBIN, in this example 60mV. Calculate the hyster-
esis voltage band referred to the comparator input VHB.
VHB = (VHBIN)(Ratio)
VHB = (60mV)(0.254)
VHB = 15.24mV
4. Choose the values for R3 and R4 to set the hysteresis.
R4 = 2.4M
R3 (k
Ω) = 15k, VHB (mV) = 15mV
5. Choose the values for R1 and R2 to set the trip point.
R1 =
R2 = R1
– 1
=
= 1.18M
VREF
IBIAS
VREF +
VIN
VHB
2
1.182V
1
µA
R2 = 1.18M
R2 = 3.40M
– 1
1.182V +
4.65V
15mV
2
V +
R5
430
Ω
5%
R3
15k
1%
C1
1
µF
OUT
V –
21
7
5V
VIN
8
GND
LTC1540
1540 F06
IN+
IN–
HYST
REF
3
4
5
6
–
+
R2
3.4M
1%
R1
1.18M
1%
R4
2.4M
1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com