Electronic Components Datasheet Search
  English  ▼

X  

TS19601 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS19601
Description  700mA High Voltage Adjustable Current Regulator With Enable Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19601 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19601 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19601 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19601 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19601 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19601 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19601 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19601 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19601 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS19601
700mA High Voltage Adjustable Current Regulator
With Enable Control
2/8
Version: C14
Recommend Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Input Voltage
VIN
5
--
50
V
Output Enable Voltage
VEN
--
--
12
V
Output Sink Current
TOPR
100
--
700
mA
Operating Free-Air Temperature Range
TSTG
-40
--
+85
ºC
Electrical Specification (VIN=24V, TC=25
oC, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
Output Current
VOUT =0.5V, RSET=3kΩ
--
200
--
mA
VOUT =0.5V, RSET=1.71kΩ
--
350
--
VOUT =0.5V, RSET=1kΩ
--
600
--
Output Current Deviation
VOUT =0.5V, IOUT =350mA~600mA
--
--
±5
%
SET Current Range
200
--
1400
µA
Minimum Output Current
ISET=200µA
--
100
--
mA
Maximum Output Current
ISET=1400µA
--
700
--
mA
Output Dropout Voltage
ISET=1000µA
(Note 2)
--
0.35
--
V
Load Regulation
VOUT =0.5V to 3V, IOUT =350mA
--
--
3
mA/V
Line Regulation
VOUT =0.5V, IOUT =350mA, VIN=5~50V
--
0.08
0.15
%/V
Enable Low Input Voltage
0
--
0.8
V
Enable High Input Voltage
Should lower than VIN
2
--
12
V
Enable Low Input Current
-20
--
+20
µA
Enable High Input Current
-5
--
+5
µA
Output Enable Delay Time
EN from low to high. VOUT=0.5V,
IOUT=350mA, Duty 50%
--
3
--
µs
Output Disable Delay Time
EN from high to low. VOUT=0.5V,
IOUT=350mA, Duty 50%
--
3
--
µs
Supply Current Consumption
--
--
5
mA
Note :
1.
Thermal Resistance is specified with the component mounted on a low effective thermal conductivity test
board in free air at TA=25°C.
2.
Output Dropout Voltage: Duty 90% x IOUT@VOUT=0.5V.
Pin Function Description
Pin Number
Pin Name
Pin Function
1
VIN
Power Supply Pin
2
ISET
Output Current Setting pin. Connect a resistor from ISET to GND to set the
LED bias current. ISET=1.2V/RSET
3
GND
Ground Pin
4
EN
Output Stage Enable Control pin. High enable the output pin. It can be left
floating for normally on.
5
OUT
Output pin. Sink current is decided by the current on RSET connected to ISET
pin. IOUT=500 x ISET=500 x 1.2V/RSET



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com