Electronic Components Datasheet Search
  English  ▼

X  

TS19601 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS19601
Description  700mA High Voltage Adjustable Current Regulator With Enable Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19601 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS19601 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19601 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19601 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19601 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19601 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19601 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19601 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19601 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS19601
700mA High Voltage Adjustable Current Regulator
With Enable Control
5/8
Version: C14
Application Information (Continue)
LED Backlight Solution
TS19601 could coordinate with any type of DC-to-DC converter through feedback path to realized LED backlight
module. The number of LEDs in the string is variable even with certain fixed power source since the output voltage
of the DC-to-DC converter could be modulated according to feedback signal.
AC Voltage Input
TS19601 could work with any kind of well-known or well-developed switch-mode power supply system. Simply cut
off the internal feedback path of the power supply system and then feed the signal from TS19601 back to the
power supply system instead.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com