Electronic Components Datasheet Search
  English  ▼

X  

TS19720 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS19720
Description  Signal-Stage PFC Buck Current Control LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19720 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19720 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19720 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19720 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19720 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19720 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19720 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19720 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS19720
Taiwan Semiconductor
Document Number: DS_P0000210
2
Version: B15
ABSOLUTE MAXIMUM RATINGS (Note 1)
PARAMETER
SYMBOL
LIMIT
UNIT
Power Supply Pin
VCC
40
V
RT Voltage to GND
VRT
-0.3 to 5.5
V
OUT Voltage to GND
VOUT
-0.3 to 40
V
CS Voltage to GND
VCS
-0.3 to 5.5
V
COM Voltage to GND
VCOM
-0.3 to 5.5
V
Power Dissipation @ TA=25 °C
PD
0.3
W
ESD Rating (Human Body Mode)
(Note 2)
HBM
2
kV
ESD Rating (Machine Mode)
MM
200
V
Lead Temperature (Soldering 10 sec)
TLEAD
260
°C
Junction Temperature Range
TJ
-40 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction to Case Thermal Resistance
RӨJC
106.6
°C/W
Junction to Ambient Thermal Resistance
RӨJA
220
°C/W
Notes: RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistances. The case thermal reference is defined
at the solder mounting surface of the drain pins. RӨJA is guaranteed by design while RӨCA is determined by the user’s
board design. RӨJA shown below for single device operation on FR-4 PCB in still air. Thermal Resistance is specified
with the component mounted on a low effective thermal conductivity test board in free
air at TA=25°C.
RECOMMENDED OPERATING CONDITIONS (Note 3)
PARAMETER
SYMBOL
CONDITIONS
UNIT
Power Supply Pin
VCC
33
V
RT Voltage to GND
VRT
-0.3 to 5
V
OUT Voltage to GND
VOUT
-0.3 to 19
V
CS Voltage to GND
VCS
-0.3 to 5
V
COM Voltage to GND
VCOM
-0.3 to 5
V
Operating Junction Temperature Range
TJ
-40 to +125
°C
Operating Ambient Temperature Range
TOPA
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com