Electronic Components Datasheet Search
  English  ▼

X  

TS19720 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS19720
Description  Signal-Stage PFC Buck Current Control LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19720 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS19720 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19720 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19720 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19720 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19720 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19720 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19720 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS19720
Taiwan Semiconductor
Document Number: DS_P0000210
3
Version: B15
ELECTRICAL SPECIFICATIONS (V
CC = 18V, TA = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
Start-up Current
VCC= VUVLO(on) -1V
VCC(ST)
--
45
--
µA
Operating Current
With 1nF load on out pin
IOPA
--
2.1
2.6
mA
UVLO(off)
VUVLO(off)
7
8
9
V
UVLO(on)
VUVLO(on)
16
17.5
19
V
OVP Level on VCC Pin
VOVP
29
31
33
V
Voltage Feedback
Feedback Reference Voltage
VFB
0.196
0.2
0.204
V
Transconductance
GM
--
58
--
µS
Output Sink Current
IO-SINK
--
5.8
--
µA
Output Source Current
IO-SOURCE
--
5.8
--
µA
Current Sensing
CS Limit Voltage
VOCP
--
1.4
--
V
Open Loop Voltage
CS Pin Open
VOLP
--
5
--
V
Leading-Edge Blanking Time
LEBt
--
400
--
ns
Delay to Output
--
100
--
ns
Switching Frequency
Start Frequency
FSTR
3
4.5
6
kHz
Gate Driver Output
Rising Time
Load Capacitance =1nF
tRISE
--
90
--
ns
Falling Time
Load Capacitance =1nF
tFALL
--
40
--
ns
VGATE-Clamp
VGATE
--
12.5
15
V
Thermal Section
Thermal Shutdown
(Note 4)
--
150
--
°C
Thermal Shutdown Release
(Note 5)
--
120
--
°C
Note:
1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
remain possibility to affect device reliability.
2.
Devices are ESD sensitive. Handing precaution recommended..
3.
The device is not guaranteed to function outside its operating conditions.
4.
Guaranteed by design.
5.
Auto Recovery Type.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com