Electronic Components Datasheet Search
  English  ▼

X  

LTC1545CG Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1545CG
Description  Software-Selectable Multiprotocol Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1545CG Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1545CG Datasheet HTML 8Page - Linear Technology LTC1545CG Datasheet HTML 9Page - Linear Technology LTC1545CG Datasheet HTML 10Page - Linear Technology LTC1545CG Datasheet HTML 11Page - Linear Technology LTC1545CG Datasheet HTML 12Page - Linear Technology LTC1545CG Datasheet HTML 13Page - Linear Technology LTC1545CG Datasheet HTML 14Page - Linear Technology LTC1545CG Datasheet HTML 15Page - Linear Technology LTC1545CG Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1545
Figure 22. Controller-Selectable Multiprotocol DTE Port with DB-25 Connector
10
17
18
D2
D1
LTC1545
RTS
DTR
DSR
DCD
CTS
D3
R2
R1
R3
D2
LTC1543
LL
RI
TM
TXD
SCTE
TXC
RXC
RXD
M0
M1
M2
DCE/DTE
VCC
VDD
VCC
5V
VEE
GND
2
21
14
24
11
15
12
17
9
3
1
4
19
20
8
23
10
6
22
5
13
18
25
*
*OPTIONAL
21
7
16
1544 F22
D3
R2
R1
R3
D1
C2
1
µF
C1
1
µF
C5
1
µF
C3
1
µF
C4
3.3
µF
TXD A (103)
TXD B
SCTE A (113)
SCTE B
RXC A (115)
RXC B
RXD A (104)
RXD B
RTS A (105)
RTS B
DTR A (108)
DTR B
CTS A (106)
CTS B
SG
SHIELD
DB-25 MALE
CONNECTOR
TXC A (114)
TXC B
DCD A (109)
DCD B
DSR A (107)
DSR B
D4
16
10
9
7
6
4
3
8
11
12
13
5
2
15 18 17 19 20 22
LTC1344A
LATCH
C6
100pF
C7
100pF
C8
100pF
VCC
VCC
5V
23 24
14
1
CHARGE
PUMP
28
3
1
2
4
5
6
7
8
9
10
11
12
13
14
1,19
2,20
3
4
5
6
7
8
9
R4EN
D4ENB
15
16
24
23
22
25
26
27
28
29
30
31
32
33
NC
27
26
25
24
23
22
21
20
19
18
17
16
15
34
35
36
VEE
M0
M1
M2
DCE/DTE
M0
M1
M2
11
12
13
14
C12
1
µF
C13
1
µF
C11
1
µF
C10
1
µF
C9
1
µF
RL
D5
21
R4
R5
LL (141)
RI (125)
TM (142)
RL (140)
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com