Electronic Components Datasheet Search
  English  ▼

X  

LTC1545CG Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1545CG
Description  Software-Selectable Multiprotocol Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1545CG Datasheet(HTML) 5 Page - Linear Technology

  LTC1545CG Datasheet HTML 1Page - Linear Technology LTC1545CG Datasheet HTML 2Page - Linear Technology LTC1545CG Datasheet HTML 3Page - Linear Technology LTC1545CG Datasheet HTML 4Page - Linear Technology LTC1545CG Datasheet HTML 5Page - Linear Technology LTC1545CG Datasheet HTML 6Page - Linear Technology LTC1545CG Datasheet HTML 7Page - Linear Technology LTC1545CG Datasheet HTML 8Page - Linear Technology LTC1545CG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1545
VCC (Pins 1, 19): Positive Supply for the Transceivers.
4.75V
≤ VCC ≤ 5.25V. Connect a 1µF capacitor to ground.
VDD (Pins 2, 20): Positive Supply Voltage for V.28. Con-
nect to VDD Pin 3 on LTC1543 or 8V supply. Connect a 1µF
capacitor to ground.
D1 (Pin 3): TTL Level Driver 1 Input.
D2 (Pin 4): TTL Level Driver 2 Input.
D3 (Pin 5): TTL Level Driver 3 Input.
R1 (Pin 6): CMOS Level Receiver 1 Output.
R2 (Pin 7): CMOS Level Receiver 2 Output.
R3 (Pin 8): CMOS Level Receiver 3 Output.
D4 (Pin 9): TTL Level Driver 4 Input.
R4 (Pin 10): CMOS Level Receiver 4 Output.
M0 (Pin 11): TTL Level Mode Select Input 0 with Pull-Up
to VCC.
M1 (Pin 12): TTL Level Mode Select Input 1 with Pull-Up
to VCC.
M2 (Pin 13): TTL Level Mode Select Input 2 with Pull-Up
to VCC.
DCE/DTE (Pin 14): TTL Level Mode Select Input with
Pull-Up to VCC. Logic high enables Driver 3. Logic low
enables Receiver 1.
D4ENB (Pin 15): TTL Level Enable Input with Pull-Up to
VCC. Logic low enables Driver 4.
R4EN (Pin 16): TTL Level Enable Input with Pull-Up to VCC.
Logic high enables Receiver 4.
PIN FUNCTIONS
R5 (Pin 17): CMOS Level Receiver 5 Output.
D5 (Pin 18): TTL Level Driver 5 Input.
D5 A (Pin 21): Driver 5 Output.
R5 A (Pin 22): Receiver 5 Input.
R4 A (Pin 23): Receiver 4 Input.
D4 A (Pin 24): Driver 4 Input.
R3 B (Pin 25): Receiver 3 Noninverting Input.
R3 A (Pin 26): Receiver 3 Inverting Input.
R2 B (Pin 27): Receiver 2 Noninverting Input.
R2 A (Pin 28): Receiver 2 Inverting Input.
D3/R1 B (Pin 29): Receiver 1 Noninverting Input and
Driver 3 Noninverting Output.
D3/R1 A (Pin 30): Receiver 1 Inverting Input and Driver 3
Inverting Output.
D2 B (Pin 31): Driver 2 Noninverting Output.
D2 A (Pin 32): Driver 2 Inverting Output.
D1 B (Pin 33): Driver 1 Noninverting Output.
D1 A (Pin 34): Driver 1 Inverting Output.
GND (Pin 35): Ground.
VEE (Pin 36): Negative Supply Voltage. Connect to VEE Pin
26 on LTC1543. Connect a 1
µF capacitor to ground.
Figure 1. V.11 Driver Test Circuit
Figure 2. V.11 Driver/Receiver AC Test Circuit
A
B
1545 F01
VOD
VOC
RL
RL
A
B
A
R
B
1545 F02
RL
100
Ω
CL
100pF
CL
100pF
15pF
TEST CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com