Electronic Components Datasheet Search
  English  ▼

X  

LTC1553L Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1553L
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1553L Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1553L Datasheet HTML 12Page - Linear Technology LTC1553L Datasheet HTML 13Page - Linear Technology LTC1553L Datasheet HTML 14Page - Linear Technology LTC1553L Datasheet HTML 15Page - Linear Technology LTC1553L Datasheet HTML 16Page - Linear Technology LTC1553L Datasheet HTML 17Page - Linear Technology LTC1553L Datasheet HTML 18Page - Linear Technology LTC1553L Datasheet HTML 19Page - Linear Technology LTC1553L Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LTC1553L
APPLICATIONS INFORMATION
this happens, FAULT will be triggered. Once FAULT is
triggered, G1 and G2 will be forced low immediately and
the LTC1553L will remain in this state until VCC power
supply is recycled or OUTEN is toggled.
Table 6 shows the suggested compensation components
for 5V input applications based on the inductor and output
capacitor values. The values were calculated using mul-
tiple paralleled 330
µF AVX TPS series surface mount
tantalum capacitors as the output capacitor. The optimum
component values might deviate from the suggested
values slightly because of board layout and operating
condition differences.
An alternate output capacitor is the Sanyo MV-GX series.
Using multiple parallel 1500
µF Sanyo MV-GX capacitors
for the output capacitor, Table 7 shows the suggested
compensation component value for a 5V input application
based on the inductor and output capacitor values.
Table 7. Suggested Compensation Network for 5V Input
Application Using Multiple Paralleled 1500
µF SANYO MV-GX
Output Capacitors
LO (µH)
CO (µF)
RC (kΩ)CC (µF)
C1 (pF)
1
4500
4.3
0.022
270
1
6000
5.6
0.0047
220
1
9000
8.2
0.01
150
2.7
4500
11
0.01
100
2.7
6000
15
0.01
82
2.7
9000
22
0.01
56
5.6
4500
24
0.01
56
5.6
6000
30
0.0047
39
5.6
9000
47
0.0047
27
VID0 to VID4, PWRGD and FAULT
The digital inputs (VID0 to VID4) program the internal DAC
which in turn controls the output voltage. These digital
input controls are intended to be static and are not
designed for high speed switching. Forcing VOUT to step
from a high to a low voltage by changing the VIDn pins
quickly can cause FAULT to trip.
Figure 9 shows the relationship between the VOUT voltage,
PWRGD and FAULT. To prevent PWRGD from interrupting
the CPU unnecessarily, the LTC1553L has a built-in tPWRBAD
delay to prevent noise at the SENSE pin from toggling
PWRGD. The internal time delay is designed to take about
500
µs for PWRGD to go low and 1ms for it to recover.
Once PWRGD goes low, the internal circuitry watches for
the output voltage to exceed 115% of the rated voltage. If
RATED VOUT
VOUT
15%
5%
–5%
tPWRBAD
tPWRGD
tFAULT
FAULT
PWRGD
1553L F09
Figure 9. PWRGD and FAULT
LAYOUT CONSIDERATIONS
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1553L. These items are also illustrated graphically in
the layout diagram of Figure 10. The thicker lines show the
high current paths. Note that at 10A current levels or
above, current density in the PC board itself is a serious
concern. Traces carrying high current should be as wide
as possible. For example, a PCB fabricated with 2oz
copper requires a minimum trace width of 0.15
" to
carry 10A.
1. In general, layout should begin with the location of the
power devices. Be sure to orient the power circuitry so
that a clean power flow path is achieved. Conductor
widths should be maximized and lengths minimized.
After you are satisfied with the power path, the control
circuitry should be laid out. It is much easier to find
routes for the relatively small traces in the control
circuits than it is to find circuitous routes for high
current paths.
2. The GND and SGND pins should be shorted right at the
LTC1553L. This helps to minimize internal ground
disturbances in the LTC1553L and prevents differences
in ground potential from disrupting internal circuit
operation. This connection should then tie into the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com