Electronic Components Datasheet Search
  English  ▼

X  

LTC1553L Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1553L
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1553L Datasheet(HTML) 2 Page - Linear Technology

  LTC1553L Datasheet HTML 1Page - Linear Technology LTC1553L Datasheet HTML 2Page - Linear Technology LTC1553L Datasheet HTML 3Page - Linear Technology LTC1553L Datasheet HTML 4Page - Linear Technology LTC1553L Datasheet HTML 5Page - Linear Technology LTC1553L Datasheet HTML 6Page - Linear Technology LTC1553L Datasheet HTML 7Page - Linear Technology LTC1553L Datasheet HTML 8Page - Linear Technology LTC1553L Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1553L
ABSOLUTE MAXIMUM RATINGS
ORDER PART
NUMBER
(Note 1)
Supply Voltage
VCC ........................................................................ 7V
PVCC ................................................................... 14V
Input Voltage
IFB (Note 2) ............................................ PVCC + 0.3V
IMAX ........................................................ – 0.3V to 9V
All Other Inputs ......................... – 0.3V to VCC + 0.3V
Digital Output Voltage ................................. – 0.3V to 9V
IFB Input Current (Notes 2, 3) .......................... –100mA
Operating Temperature Range ..................... 0
°C to 70°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................. 300
°C
PACKAGE/ORDER INFORMATION
VCC = 5V, PVCC = 12V, TA = 25°C, unless otherwise noted. (Note 3)
ELECTRICAL CHARACTERISTICS
Consult factory for Industrial and Military grade parts.
LTC1553LCG
LTC1553LCSW
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
q
4.5
6
V
PVCC
Supply Voltage for G1, G2
q
13.2
V
VFB
Internal Feedback Voltage
(Note 4)
1.260
V
VOUT
1.8V Initial Output Voltage
With Respect to Rated Output Voltage (Figure 2)
– 27 (– 1.5%)
27 (+ 1.5%)
mV
2.8V Initial Output Voltage
– 42 (– 1.5%)
42 (+ 1.5%)
mV
3.5V Initial Output Voltage
– 52 (– 1.5%)
52 (+ 1.5%)
mV
1.8V Initial Output Voltage
q
– 36 (– 2%)
36 (+ 2%)
mV
2.8V Initial Output Voltage
q
– 56 (– 2%)
56 (+ 2%)
mV
3.5V Initial Output Voltage
q
– 70 (– 2%)
70 (+ 2%)
mV
∆VOUT
Output Load Regulation
IOUT = 0 to 14A (Note 4) (Figure 2)
– 5
mV
Output Line Regulation
VIN = 4.75V to 5.25V, IOUT = 0 (Note 4)(Figure 2)
±1mV
VPWRGD
Positive Power Good Trip Point
% Above Output Voltage (Figure 2)
q
57
%
Negative Power Good Trip Point
% Below Output Voltage (Figure 2)
q
–7
–5
%
VFAULT
FAULT Trip Point
% Above Output Voltage (Figure 2)
q
12
15
20
%
ICC
Operating Supply Current
OUTEN = VCC = 5V (Note 5)(Figure 3)
q
800
1200
µA
Shutdown Supply Current
OUTEN = 0, VID0 to VID4 Floating (Figure 3)
q
130
250
µA
IPVCC
Supply Current
PVCC = 12V, OUTEN = VCC (Note 6) (Figure 3)
15
mA
PVCC = 12V, OUTEN = 0, VID0 to VID4 Floating
1
µA
fOSC
Internal Oscillator Frequency
(Figure 4)
q
250
300
350
kHz
VSAWL
VCOMP at Minimum Duty Cycle
(Note 4)
1.8
V
VSAWH
VCOMP at Maximum Duty Cycle
(Note 4)
2.8
V
GERR
Error Amplifier Open-Loop DC Gain
(Note 7)
q
40
53
dB
gmERR
Error Amplifier Transconductance
(Note 7)
q
0.9
1.6
2.3
millimho
BWERR
Error Amplifier –3dB Bandwidth
COMP = Open (Note 4)
400
kHz
1
2
3
4
5
6
7
8
9
10
TOP VIEW
G PACKAGE
20-LEAD PLASTIC SSOP
SW PACKAGE
20-LEAD PLASTIC SO
20
19
18
17
16
15
14
13
12
11
G2
PVCC
GND
SGND
VCC
SENSE
IMAX
IFB
SS
COMP
G1
OUTEN
VID0
VID1
VID2
VID3
VID4
PWRGD
FAULT
OT
TJMAX = 125°C, θJA = 100°C/ W (G)
TJMAX = 125°C, θJA = 100°C/ W (SW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com