Electronic Components Datasheet Search
  English  ▼

X  

LTC1591C Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1591C
Description  14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1591C Datasheet(HTML) 5 Page - Linear Technology

  LTC1591C Datasheet HTML 1Page - Linear Technology LTC1591C Datasheet HTML 2Page - Linear Technology LTC1591C Datasheet HTML 3Page - Linear Technology LTC1591C Datasheet HTML 4Page - Linear Technology LTC1591C Datasheet HTML 5Page - Linear Technology LTC1591C Datasheet HTML 6Page - Linear Technology LTC1591C Datasheet HTML 7Page - Linear Technology LTC1591C Datasheet HTML 8Page - Linear Technology LTC1591C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1591/LTC1597
TYPICAL PERFOR A CE CHARACTERISTICS
Unipolar Multiplying Mode
Signal-to-(Noise + Distortion)
vs Frequency
(LTC1591/LTC1597)
FREQUENCY (Hz)
–90
–70
–50
–40
10
1k
10k
100k
1591/97 G03
–110
100
–60
–80
–100
VCC = 5V USING AN LT1468
CFEEDBACK = 30pF
REFERENCE = 6VRMS
500kHz FILTER
80kHz FILTER
30kHz FILTER
Midscale Glitch Impulse
TIME (
µs)
0
–10
0
10
0.6
1.0
1591/97 G01
–20
–30
–40
0.2
0.4
0.8
20
30
40
USING AN LT1468
CFEEDBACK = 30pF
VREF = 10V
1nV-s TYPICAL
Full-Scale Settling Waveform
GATED
SETTLING
WAVEFORM
500
µV/DIV
LD PULSE
5V/DIV
500ns/DIV
1591/97 G02
USING LT1468 OP AMP
CFEEDBACK = 20pF
0V to 10V STEP
Bipolar Multiplying Mode
Signal-to-(Noise + Distortion)
vs Frequency, Code = All Zeros
FREQUENCY (Hz)
–90
–70
–50
–40
10
1k
10k
100k
1591/97 G04
–110
100
–60
–80
–100
VCC = 5V USING TWO LT1468s
CFEEDBACK = 15pF
REFERENCE = 6VRMS
500kHz FILTER
80kHz FILTER
30kHz
FILTER
Bipolar Multiplying Mode
Signal-to-(Noise + Distortion)
vs Frequency, Code = All Ones
FREQUENCY (Hz)
–90
–70
–50
–40
10
1k
10k
100k
1591/97 G05
–110
100
–60
–80
–100
VCC = 5V USING TWO LT1468s
CFEEDBACK = 15pF
REFERENCE = 6VRMS
500kHz FILTER
80kHz FILTER
30kHz FILTER
Supply Current vs Input Voltage
INTPUT VOLTAGE (V)
0
3
4
5
4
1591/97 G06
2
1
0
1
2
3
5
VCC = 5V
ALL DIGITAL INPUTS
TIED TOGETHER
Logic Threshold vs Supply Voltage
SUPPLY VOLTAGE (V)
0
0
0.5
1.0
1.5
2.0
3.0
1
234
1591/97 G07
57
6
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com