Electronic Components Datasheet Search
  English  ▼

X  

LTC1591C Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1591C
Description  14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1591C Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1591C Datasheet HTML 3Page - Linear Technology LTC1591C Datasheet HTML 4Page - Linear Technology LTC1591C Datasheet HTML 5Page - Linear Technology LTC1591C Datasheet HTML 6Page - Linear Technology LTC1591C Datasheet HTML 7Page - Linear Technology LTC1591C Datasheet HTML 8Page - Linear Technology LTC1591C Datasheet HTML 9Page - Linear Technology LTC1591C Datasheet HTML 10Page - Linear Technology LTC1591C Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC1591/LTC1597
TYPICAL PERFOR A CE CHARACTERISTICS (LTC1591)
Differential Nonlinearity vs
Supply Voltage in Bipolar Mode
SUPPLY VOLTAGE (V)
0
–1.0
– 0.8
– 0.4
– 0.2
0
1.0
0.4
2
4
5
1591 G10
– 0.6
0.6
0.8
0.2
1
3
6
7
VREF = 10V
VREF = 10V
VREF = 2.5V
VREF = 2.5V
Bipolar Multiplying Mode Frequency
Response vs Digital Code
Unipolar Multiplying Mode Frequency
Response vs Digital Code
Bipolar Multiplying Mode Frequency
Response vs Digital Code
FREQUENCY (Hz)
– 100
–80
–40
0
10
1k
10k
10M
1M
*DAC ZERO VOLTAGE OUTPUT LIMITED BY BIPOLAR
ZERO ERROR TO – 84dB TYPICAL (–70dB MAX)
100
100k
–20
–60
D13 AND D12 ON
D13 AND D11 ON
D13 AND D10 ON
D13 AND D9 ON
D13 AND D8 ON
D13 AND D7 ON
D13 AND D6 ON
D13 AND D5 ON
D13 AND D4 ON
D13 AND D3 ON
D13 AND D2 ON
D13 AND D1 ON
D13 AND D0 ON
ALL BITS ON
1591 G12
15pF
12pF
–
+
–
+
12pF
VREF
VOUT
1
2
34
6
7
22
5
LT1468
LT1468
LTC1591
CODES FROM MIDSCALE TO FULL SCALE
D13 ON
*
FREQUENCY (Hz)
– 100
–80
–40
0
10
1k
10k
10M
1M
1591G13
100
100k
–20
–60
*DAC ZERO VOLTAGE OUTPUT LIMITED BY BIPOLAR
ZERO ERROR TO – 84dB TYPICAL (–70dB MAX)
15pF
12pF
–
+
–
+
12pF
VREF
VOUT
1
2
34
6
7
22
5
LT1468
LT1468
LTC1591
CODES FROM MIDSCALE TO ZERO SCALE
D12 ON
D12 AND D11 ON
D12 TO D10 ON
D12 TO D9 ON
D12 TO D8 ON
D12 TO D7 ON
D12 TO D6 ON
D12 TO D5 ON
D12 TO D4 ON
D12 TO D3 ON
D12 TO D2 ON
D12 TO D1 ON
D12 TO D0 ON
ALL BITS OFF
D13 ON
*
FREQUENCY (Hz)
– 100
–80
–40
0
100
10k
100k
10M
1591G11
– 120
1k
1M
–20
–60
ALL BITS OFF
–
+
30pF
3214
6
7
22
5
LT1468
LTC1591
VOUT
VREF
D9 ON
D8 ON
D6 ON
D5 ON
D4 ON
D3 ON
D2 ON
D1 ON
D13 ON
D12 ON
D11 ON
D10 ON
ALL BITS ON
D7 ON
D0 ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com