Electronic Components Datasheet Search
  English  ▼

X  

LTC1624 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1624
Description  High Efficiency SO-8 N-Channel Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1624 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1624 Datasheet HTML 18Page - Linear Technology LTC1624 Datasheet HTML 19Page - Linear Technology LTC1624 Datasheet HTML 20Page - Linear Technology LTC1624 Datasheet HTML 21Page - Linear Technology LTC1624 Datasheet HTML 22Page - Linear Technology LTC1624 Datasheet HTML 23Page - Linear Technology LTC1624 Datasheet HTML 24Page - Linear Technology LTC1624 Datasheet HTML 25Page - Linear Technology LTC1624 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
LTC1624
TYPICAL APPLICATIONS
+
+
SENSE–
ITH/RUN
VFB
GND
VIN
BOOST
TG
SW
LTC1624
1000pF
100pF
CC
330pF
RC
3.3k
D1
MBRS130LT3
CB
0.1
µF
8
7
6
5
1
2
3
4
R2
35.7k
1%
R1
3.92k
1%
COUT
100
µF
16V
× 2
M1
Si4412DY
L1*
22
µH
RSENSE
0.04
Ω
CIN
22
µF
35V
× 2
VOUT
12V
0.75A
VIN
5.2V TO 11V
1624 F13
*SUMIDA CDRH125-220
0.1
µF
Figure 11. Wide Input Range 1.8V/1.5A Converter
+
+
SENSE–
ITH/RUN
VFB
GND
VIN
BOOST
TG
SW
LTC1624
1000pF
100pF
CC
470pF
RC
6.8k
D1
MBRS140T3
CB
0.1
µF
8
7
6
5
1
2
3
4
R2
35.7k
1%
R1
3.92k
1%
COUT
100
µF
16V
× 2
M1
Si4412DY
L1*
47
µH
RSENSE
0.068
Ω
CIN
22
µF
35V
× 2
VOUT
12V
1A
VIN
12.3V TO 28V
1624 F12
*SUMIDA CDRH125-470
0.1
µF
Figure 12. 12V/1A Low Dropout Converter
Figure 13. 12V/0.75A Boost Converter
+
+
SENSE–
ITH/RUN
VFB
GND
VIN
BOOST
TG
SW
LTC1624
1000pF
100pF
CC
470pF
RC
6.8k
D1
MBRS340T3
CB
0.1
µF
8
7
6
5
1
2
3
4
R2
35.7k
1%
R1
69.8k
1%
COUT
100
µF
10V
× 2
M1
Si6436DY
L1*
10
µH
RSENSE
0.068
Ω
CIN
22
µF
35V
× 2
VOUT
1.8V
1.5A
VIN
4.8V TO 22V
1624 F11
*SUMIDA CDR105B-100
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com