Electronic Components Datasheet Search
  English  ▼

X  

LTC1624 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC1624
Description  High Efficiency SO-8 N-Channel Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1624 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC1624 Datasheet HTML 20Page - Linear Technology LTC1624 Datasheet HTML 21Page - Linear Technology LTC1624 Datasheet HTML 22Page - Linear Technology LTC1624 Datasheet HTML 23Page - Linear Technology LTC1624 Datasheet HTML 24Page - Linear Technology LTC1624 Datasheet HTML 25Page - Linear Technology LTC1624 Datasheet HTML 26Page - Linear Technology LTC1624 Datasheet HTML 27Page - Linear Technology LTC1624 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25
LTC1624
TYPICAL APPLICATIONS
Figure 20. 12V to 24V/5A Boost Converter
+
SENSE–
ITH/RUN
VFB
GND
VIN
BOOST
TG
SW
LTC1624
C3
100pF
C4
1500pF
CIN
100
µF
16V
VIN
9V TO
15V
VOUT
24V
5A
D1*
CB
0.1
µF
C5
0.1
µF
8
7
6
5
1
2
3
4
R2, 1M, 1%
RSENSE
0.005
Ω, 5%
R1
52.3k
R5
750
Ω
0.5W
RC
27k
CC
4700pF
M1*
COUT1
1000
µF
35V
+
COUT2
1000
µF
35V
Z1
IN755
7.5V
L1
10
µH
1624 F20
CIN = KEMET T495X107M016AS
COUT1, COUT2 = SANYO 35MV 1000GX
D1 = MOTOROLA MBR2535CT
L1 = MAGNETICS CORE #55930AZ WINDING = 8T#14BIF
M1 = INTERNATIONAL RECTIFIER IRL 3803
RSENSE = IRC OAR-3, 0.005Ω, 5%
+
*BOTH D1 AND Q1 MOUNTED ON
THERMALLOY MODEL 6399 HEAT SINK
+
SENSE–
ITH/RUN
VFB
GND
VIN
BOOST
TG
SW
LTC1624
C3
100pF
CIN
22
µF
35V
VIN
20V TO
32V
D1
CB
0.1
µF
C5
0.1
µF
8
7
6
5
1
2
3
4
R2, 1M, 1%
RSENSE
0.025
Ω
R1
13.3k
RC
6.8k
CC
820pF
M1
COUT
100
µF
100V
L1
47
µH
VOUT
90V
0.5A
1624 F19
CIN = KEMET T495X226M035AS
COUT = SANYO 100MV100GX
D1 = MOTOROLA MBRS1100
L1 = COILCRAFT D05022P-473
M1 = INTERNATIONAL RECTIFIER IRL 540NS
RSENSE = IRC LR2010-01-R025-F
+
Figure 19. 24V to 90V at 0.5A Boost Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com