Electronic Components Datasheet Search
  English  ▼

X  

LTM2884 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM2884
Description  Isolated USB Transceiver with Isolated Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2884 Datasheet(HTML) 1 Page - Linear Technology

  LTM2884_15 Datasheet HTML 1Page - Linear Technology LTM2884_15 Datasheet HTML 2Page - Linear Technology LTM2884_15 Datasheet HTML 3Page - Linear Technology LTM2884_15 Datasheet HTML 4Page - Linear Technology LTM2884_15 Datasheet HTML 5Page - Linear Technology LTM2884_15 Datasheet HTML 6Page - Linear Technology LTM2884_15 Datasheet HTML 7Page - Linear Technology LTM2884_15 Datasheet HTML 8Page - Linear Technology LTM2884_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTM2884
1
2884f
For more information www.linear.com/LTM2884
Typical applicaTion
FeaTures
DescripTion
Isolated USB Transceiver
with Isolated Power
The LTM®2884 is a complete galvanically isolated USB
2.0 compatible μModule® (micromodule) transceiver.
An upstream supply powers both sides of the interface
through an integrated, isolated DC/DC converter.
The LTM2884 is ideal for isolation in host, hub, bus split-
ter or peripheral device applications. It is compatible with
USB 2.0 full speed (12Mbps) and low speed (1.5Mbps)
operation.Automaticspeedselectionconfiguresintegrated
pull-up resistors on the upstream port to match those
sensed on the downstream device.
The isolator µModule technology uses coupled inductors
and an isolated power transformer to provide 2500VRMS
of isolation between the upstream and downstream USB
interface.Thisdeviceisidealforsystemsrequiringisolated
ground returns or large common mode voltage variations.
Uninterrupted communication is guaranteed for common
mode transients greater than 30kV/μs.
Enhanced ESD protection allows this part to withstand
up to ±15kV (human body model) on the USB transceiver
interface pins to local supplies and ±15kV through the
isolation barrier to supplies without latch-up or damage.
Powered 2.5W Isolated Hub Port
applicaTions
n
Isolated USB Transceiver: 2500VRMS for 1 Minute
n
USB 2.0 Full Speed and Low Speed Compatible
n
Integrated Isolated DC/DC Converter, External or
Bus Powered
n
Auto-Configuration of Bus Speed
n
2.5W (500mA at 5V) Output Power from External
Input Supply (VCC = 8.6V to 16.5V)
n
1W (200mA at 5V) Output Power from USB Bus
Supply (VBUS)
n
3.3V LDO Output Supply Signal References VLO, VLO2
n
High Common Mode Transient Immunity: 30kV/μs
n
ESD: ±15kV HBM on USB Interface Pins
n
15mm × 15mm × 5mm Surface Mount BGA Package
n
Isolated USB Interfaces
n
Host, Hub, or Device Isolation
n
Industrial/Medical Data Acquisition
L
, LT, LTC, LTM, Linear Technology, the Linear logo and µModule are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.
Bus Powered 1W Isolated Peripheral Device
2884 TA01a
VLO
LTM2884
500mA AT 5V
ON
4.4V TO 16.5V
VBUS
VBUS2
8.6V TO 16.5V
100µF
VCC
SPNDPWR
D1+
D1–
VCC2
VLO2
D2+
DOWNSTREAM
USB PORT
D2–
GND2
GND
15k
15k
+
PWR
HUB
µC
2884 TA01b
VLO
ON
SPNDPWR
VCC2
VBUS
VBUS
GND
GND2
GND
UPSTREAM
USB PORT
VCC
LTM2884
200mA AT 5V
D1+
PERIPHERAL
D1–
VLO2
D2+
D2–
PWR
1.5k


Similar Part No. - LTM2884_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM2884CYPBF AD-LTM2884CYPBF Datasheet
1Mb / 24P
Isolated USB Transceiver with Isolated Power
Rev. D
LTM2884HYPBF AD-LTM2884HYPBF Datasheet
1Mb / 24P
Isolated USB Transceiver with Isolated Power
Rev. D
LTM2884IYPBF AD-LTM2884IYPBF Datasheet
1Mb / 24P
Isolated USB Transceiver with Isolated Power
Rev. D
More results

Similar Description - LTM2884_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1535 LINER-LTC1535 Datasheet
226Kb / 12P
Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_1 Datasheet
247Kb / 16P
Isolated RS485 Transceiver
logo
Texas Instruments
ISO1050 TI-ISO1050 Datasheet
768Kb / 21P
ISOLATED CAN TRANSCEIVER
logo
Linear Technology
LTC1535 LINER-LTC1535_2 Datasheet
263Kb / 18P
Isolated RS485 Transceiver
logo
Texas Instruments
ISO1050 TI-ISO1050_10 Datasheet
773Kb / 23P
ISOLATED CAN TRANSCEIVER
ISO1050_101 TI-ISO1050_101 Datasheet
822Kb / 24P
ISOLATED CAN TRANSCEIVER
ISO1050 TI1-ISO1050_13 Datasheet
1Mb / 33P
ISOLATED CAN TRANSCEIVER
logo
Linear Technology
LTM2884 LINER-LTM2884 Datasheet
707Kb / 24P
Isolated USB Transceiver with Isolated Power
LTM2894 LINER-LTM2894 Datasheet
401Kb / 16P
Isolated USB Data Transceiver
logo
Guangzhou Reicu Electro...
RS3485C REICU-RS3485C Datasheet
3Mb / 1P
Isolated transceiver module
REV:18.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com