Electronic Components Datasheet Search
  English  ▼

X  

LTM2884 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM2884
Description  Isolated USB Transceiver with Isolated Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2884 Datasheet(HTML) 4 Page - Linear Technology

  LTM2884_15 Datasheet HTML 1Page - Linear Technology LTM2884_15 Datasheet HTML 2Page - Linear Technology LTM2884_15 Datasheet HTML 3Page - Linear Technology LTM2884_15 Datasheet HTML 4Page - Linear Technology LTM2884_15 Datasheet HTML 5Page - Linear Technology LTM2884_15 Datasheet HTML 6Page - Linear Technology LTM2884_15 Datasheet HTML 7Page - Linear Technology LTM2884_15 Datasheet HTML 8Page - Linear Technology LTM2884_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTM2884
4
2884f
For more information www.linear.com/LTM2884
swiTching characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VBUS = 5V, GND = GND2 = 0V, ON = VLO, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Low Speed USB
tLDR
Low Speed Data Rate
CL = 50pF to 450pF (Note 4)
1.5
Mbps
tLR
Rise Time
Figure 2, CL = 50pF to 600pF
l
75
300
ns
tLF
Fall Time
Figure 2, CL = 50pF to 600pF
l
75
300
ns
tLPRR, tLPFF
Propagation Delay
Figure 2, CL = 50pF to 600pF
l
200
300
ns
tLDJ1
Differential Jitter
To Next Transition (Note 2)
±45
ns
tLDJ2
Differential Jitter
To Paired Transitions (Note 2)
± 15
ns
Full Speed USB
tFDR
Full Speed Data Rate
CL = 50pF (Note 4)
12
Mbps
tFR
Rise Time
Figure 3, CL = 50pF
l
4
20
ns
tFF
Fall Time
Figure 3, CL = 50pF
l
4
20
ns
tFPRR, tFPFF
Propagation Delay
Figure 3, CL = 50pF
l
60
80
115
ns
tFDJ1
Differential Jitter
To Next Transition (Note 2)
2
ns
tFDJ2
Differential Jitter
To Paired Transitions (Note 2)
1
ns
Power Supply Generator
VCC2 – GND2 Supply Start-Up Time
(ON
VLO, VCC2 to 4.5V)
RLOAD = 50Ω, CLOAD = 100µF
RLOAD = 10Ω, CLOAD = 100µF, VCC = 12V
l
l
2
3
5
10
ms
ms
tWUSPND
Wake Up from Suspend Mode
Resume Signal, SPNDPWR = 0
l
0.25
10
µs
ESD (HBM) (Note 2) Isolation Barrier
GND to GND2
±15
kV
D1+, D1, D2+, D2
D1+/D1to GND, VCC, VBUS, or VLO and
D2+/D2to GND2, VCC2, or VLO2
±15
kV
ON, SPNDPWR
±3
kV
isolaTion characTerisTics T
A = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Isolation Barrier: GND to GND2
VISO
Rated Dielectric Insulation Voltage
(Notes 6, 7)
1 Minute (Derived from 1 Second Test)
2500
VRMS
1 Second (Note 5)
3000
VRMS
Common Mode Transient Immunity
VBUS = VCC = 5V, ON = 3.3V, 1000V in 33ns
Transient Between GND and GND2 (Note 2)
±30
kV/µs
VIORM
Maximum Working Insulation Voltage
(Notes 2, 5)
560
400
VPEAK
VRMS
Partial Discharge
VPR = 750VRMS (Note 5)
<5
pC
CTI
Comparative Tracking Index
IEC 60112 (Note 2)
600
VRMS
Depth of Erosion
IEC 60112 (Note 2)
0.017
mm
DTI
Distance Through Insulation
(Note 2)
0.1
mm
Input to Output Resistance
(Notes 2, 5)
1012
Ω
Input to Output Capacitance
(Notes 2, 5)
13
pF
Creepage Distance
(Notes 2, 5)
9.48
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com