Electronic Components Datasheet Search
  English  ▼

X  

LTC1629C Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1629C
Description  PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1629C Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1629C Datasheet HTML 18Page - Linear Technology LTC1629C Datasheet HTML 19Page - Linear Technology LTC1629C Datasheet HTML 20Page - Linear Technology LTC1629C Datasheet HTML 21Page - Linear Technology LTC1629C Datasheet HTML 22Page - Linear Technology LTC1629C Datasheet HTML 23Page - Linear Technology LTC1629C Datasheet HTML 24Page - Linear Technology LTC1629C Datasheet HTML 25Page - Linear Technology LTC1629C Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
LTC1629/LTC1629-PG
Although the LTC1629 has a maximum input voltage of
36V, most applications will be limited to 30V by the
MOSFET BVDSS.
Since the output voltage is below 2.4V the output resistive
divider will need to be sized to not only set the output
voltage but also to absorb the sense pin input current for
both channels.
R
kV
VV
k
V
VV
k
MIN
OUT
OUT
1
20
22 4
10
18
24
18
30
() =
−


=
−


=
.
.
..
Choosing 1% resistors: R1=13.2k and R2=16.5k yields an
output voltage of 1.80V and satisfies the above condition.
The power dissipation on the topside MOSFET can be
easily estimated. Using a Siliconix Si4420DY for example;
RDS(ON) = 0.013Ω, CRSS = 300pF. At maximum input
voltage with Tj (estimated) = 110°C at an elevated ambient
temperature:
P
V
V
CC
VA
pF
kHz
W
MAIN =
() +() °− °
()
[]
+
() ( )( )
()=
18
55
10
1
0 005 110
25
0 013
1 7 5 5
10
300
310
0 61
2
2
.
.
.
..
.
.
Ω
The worst-case power disipated by the synchronous
MOSFET under normal operating conditions at elevated
ambient temperature and estimated 50
°C junction tem-
perature rise is:
P
VV
V
A
W
SYNC =
−
() ( )
Ω
()
=
55
18
55
10
1 48 0 013
129
2
..
.
..
.
A short-circuit to ground will result in a folded back current
of:
I
mV
ns
V
H
A
SC =
Ω
+
()
µ
=
25
0 005
1
2
200
5 5
2
528
.
.
.
APPLICATIO S I FOR ATIO
Figure 8. Automotive Application Protection
VIN
1629 F08
12V
50A IPK RATING
TRANSIENT VOLTAGE
SUPPRESSOR
GENERAL INSTRUMENT
1.5KA24A
LTC1629
Design Example (Using Two Phases)
As a design example, assume VIN=5V(nominal),VIN = 5.5V
(max), VOUT = 1.8V, IMAX = 20A, TA = 70°C and f = 300kHz.
The inductance value is chosen first based on a 30% ripple
current assumption. The highest value of ripple current
occurs at the maximum input voltage. Tie the FREQSET pin
to the INTVCC pin for 300kHz operation. The minimum
inductance for 30% ripple current is:
L
V
fI
V
V
V
kHz
A
V
V
H
OUT
OUT
IN
≥
∆
()
−


≥ ()( )( ) −


≥µ
1
18
300
30
10
1
18
55
135
.
%
.
.
.
A 2
µH inductor will produce 20% ripple current. The peak
inductor current will be the maximum DC value plus one
half the ripple current, or 11.5A. The minimum on-time
occurs at maximum VIN:
t
V
Vf
V
V
kHz
s
ON MIN
OUT
IN
() == ()(
)
=µ
18
5 5
300
11
.
.
.
The RSENSE resistors value can be calculated by using the
maximum current sense voltage specification with some
accomodation for tolerances:
R
mV
A
SENSE =≈
Ω
60
11 5
0 005
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com