Electronic Components Datasheet Search
  English  ▼

X  

LTC1629C Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1629C
Description  PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1629C Datasheet(HTML) 3 Page - Linear Technology

  LTC1629C Datasheet HTML 1Page - Linear Technology LTC1629C Datasheet HTML 2Page - Linear Technology LTC1629C Datasheet HTML 3Page - Linear Technology LTC1629C Datasheet HTML 4Page - Linear Technology LTC1629C Datasheet HTML 5Page - Linear Technology LTC1629C Datasheet HTML 6Page - Linear Technology LTC1629C Datasheet HTML 7Page - Linear Technology LTC1629C Datasheet HTML 8Page - Linear Technology LTC1629C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LTC1629/LTC1629-PG
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS = 5V unless otherwise noted.
ISENSE
Total Sense Pins Source Current
Each Channel; VSENSE1–, 2– = VSENSE1+, 2+ = 0V
– 85
– 60
µA
DFMAX
Maximum Duty Factor
In Dropout
98
99.5
%
Top Gate Transition Time:
TG1, 2 tr
Rise Time
CLOAD = 3300pF
30
90
ns
TG1, 2 tf
Fall Time
CLOAD = 3300pF
40
90
ns
Bottom Gate Transition Time:
BG1, 2 tr
Rise Time
CLOAD = 3300pF
30
90
ns
BG1, 2 tf
Fall Time
CLOAD = 3300pF
20
90
ns
TG/BG t1D
Top Gate Off to Bottom Gate On Delay
Synchronous Switch-On Delay Time
CLOAD = 3300pF Each Driver
90
ns
BG/TG t2D
Bottom Gate Off to Top Gate On Delay
Top Switch-On Delay Time
CLOAD = 3300pF Each Driver
90
ns
tON(MIN)
Minimum On-Time
Tested with a Square Wave (Note 6)
180
ns
Internal VCC Regulator
VINTVCC
Internal VCC Voltage
6V < VIN < 30V; VEXTVCC = 4V
4.8
5.0
5.2
V
VLDO INT
INTVCC Load Regulation
ICC = 0 to 20mA; VEXTVCC = 4V
0.2
1.0
%
VLDO EXT
EXTVCC Voltage Drop
ICC = 20mA; VEXTVCC = 5V; LTC1629
120
240
mV
ICC = 20mA; VEXTVCC = 5V; LTC1629-PG
80
160
mV
VEXTVCC
EXTVCC Switchover Voltage
ICC = 20mA, EXTVCC Ramping Positive
q
4.5
4.7
V
VLDOHYS
EXTVCC Switchover Hysteresis
ICC = 20mA, EXTVCC Ramping Negative
0.2
V
Oscillator and Phase-Locked Loop
fNOM
Nominal Frequency
VPLLFLTR = 1.2V
190
220
250
kHz
fLOW
Lowest Frequency
VPLLFLTR = 0V
120
140
160
kHz
fHIGH
Highest Frequency
VPLLFLTR ≥ 2.4V
280
310
360
kHz
RPLLIN
PLLIN Input Resistance
50
k
Ω
IPLLFLTR
Phase Detector Output Current
Sinking Capability
fPLLIN < fOSC
–15
µA
Sourcing Capability
fPLLIN > fOSC
15
µA
RRELPHS
Controller 2-Controller 1 Phase
VPHASMD = 0V, Open
180
Deg
VPHASMD = 5V
240
Deg
CLKOUT
Phase (Relative to Controller 1)
VPHASMD = 0V
60
Deg
VPHASMD = Open
90
Deg
VPHASMD = 5V
120
Deg
CLKHIGH
Clock High Output Voltage
4
V
CLKLOW
Clock Low Output Voltage
0.2
V
PGOOD Output (LTC1629-PG Only)
VPGL
PGOOD Voltage Low
IPGOOD = 2mA
0.1
0.3
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
±1
µA
VPG
PGOOD Trip Level, Either Controller
VEAIN with Respect to Set Output Voltage
VEAIN Ramping Negative
– 6
– 7.5
– 9.5
%
VEAIN Ramping Positive
6
7.5
9.5
%
Differential Amplifier/Op Amp Gain Block (Note 5)
ADA
Gain
Differential Amp Mode
0.995
1
1.005
V/V
CMRRDA
Common Mode Rejection Ratio
Differential Amp Mode; 0V < VCM < 5V
46
55
dB
RIN
Input Resistance
Differential Amp Mode; Measured at VOS+ Input
80
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com