Electronic Components Datasheet Search
  English  ▼

X  

LTC1649 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1649
Description  3.3V Input High Power Step-Down Switching Regulator Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1649 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1649 Datasheet HTML 4Page - Linear Technology LTC1649 Datasheet HTML 5Page - Linear Technology LTC1649 Datasheet HTML 6Page - Linear Technology LTC1649 Datasheet HTML 7Page - Linear Technology LTC1649 Datasheet HTML 8Page - Linear Technology LTC1649 Datasheet HTML 9Page - Linear Technology LTC1649 Datasheet HTML 10Page - Linear Technology LTC1649 Datasheet HTML 11Page - Linear Technology LTC1649 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1649
EXTERNAL COMPONENT SELECTION
Power MOSFETs
Two N-channel power MOSFETs are required for most
LTC1649 circuits. These should be selected primarily by
on-resistance considerations; thermal dissipation is often
a secondary concern in high efficiency designs. The
LTC1649 is designed to be used with 5V logic-level MOS-
FETs; “standard” threshold MOSFETs with RDS(ON) speci-
fied at 10V only will not provide satisfactory performance.
MOSFET RDS(ON) should be chosen based on input and
output voltage, allowable power dissipation and maxi-
mum required output current. In a typical LTC1649 buck
converter circuit operating in continuous mode, the aver-
age inductor current is equal to the output load current.
This current is always flowing through either Q1 or Q2 with
the power dissipation split up according to the duty cycle:
DC (Q1) =
VOUT
VIN
DC (Q2) = 1 –
VOUT
VIN
=
(VIN – VOUT)
VIN
The RON required for a given conduction loss can now be
calculated by rearranging the relation P = I2R:
RDS(ON) (Q1) =
=
PMAX(Q1)
DC(Q1)(IMAX2)
VIN(PMAX)(Q1)
VOUT(IMAX2)
RDS(ON) (Q2) =
=
PMAX(Q2)
DC(Q2)(IMAX2)
VIN(PMAX)(Q2)
(VIN – VOUT)(IMAX2)
PMAX should be calculated based primarily on required
efficiency. A typical high efficiency circuit designed for
3.3V in, 2.5V at 10A out might require no more than 3%
efficiency loss at full load for each MOSFET. Assuming
roughly 90% efficiency at this current level, this gives a
PMAX value of (2.5V)(10A/0.9)(0.03) = 833mW per FET
and a required RDSON of:
RDS(ON) (Q1) =
= 0.011
Ω
(3.3V)(833mW)
(2.5V)(10A2)
RDS(ON) (Q2) =
= 0.034
Ω
(3.3V)(833mW)
(3.3V – 2.5V)(10A2)
Note that while the required RDS(ON) values suggest large
MOSFETs, the dissipation numbers are less than a watt per
device— large TO-220 packages and heat sinks are not
necessarily required in high efficiency applications. Siliconix
Si4410DY and International Rectifier IRF7801 are two
small, surface mount devices with RON values of 0.03Ω or
below with 5V of gate drive; both work well in LTC1649
circuits. A higher PMAX value will generally decrease
MOSFET cost and circuit efficiency and increase MOSFET
heat sink requirements.
Inductor
The inductor is often the largest component in an LTC1649
design and should be chosen carefully. Inductor value and
type should be chosen based on output slew rate require-
ments and expected peak current. Inductor value is prima-
rily controlled by the required current slew rate. The
maximum rate of rise of the current in the inductor is set
by its value, the input-to-output voltage differential and the
maximum duty cycle of the LTC1649. In a typical 3.3V to
2.5V application, the maximum rise time will be:
93%
=
(VIN – VOUT)
L
AMPS
SECOND
0.744A
µs
I
L
where L is the inductor value in
µH. A 2µH inductor would
have a 0.37A/
µs rise time in this application, resulting in a
14
µs delay in responding to a 5A load current step. During
this 14
µs, the difference between the inductor current and
the output current must be made up by the output capaci-
tor, causing a temporary droop at the output. To minimize
this effect, the inductor value should usually be in the 1
µH
to 5
µH range for most typical 3.3V to 2.xV LTC1649
circuits. Different combinations of input and output volt-
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com