Electronic Components Datasheet Search
  English  ▼

X  

LTC1649 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1649
Description  3.3V Input High Power Step-Down Switching Regulator Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1649 Datasheet(HTML) 1 Page - Linear Technology

  LTC1649 Datasheet HTML 1Page - Linear Technology LTC1649 Datasheet HTML 2Page - Linear Technology LTC1649 Datasheet HTML 3Page - Linear Technology LTC1649 Datasheet HTML 4Page - Linear Technology LTC1649 Datasheet HTML 5Page - Linear Technology LTC1649 Datasheet HTML 6Page - Linear Technology LTC1649 Datasheet HTML 7Page - Linear Technology LTC1649 Datasheet HTML 8Page - Linear Technology LTC1649 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1649
3.3V Input High Power
Step-Down Switching
Regulator Controller
s
High Power 3.3V to 1.xV-2.xV Switching Regulator
Controller: Up to 20A Output
s
All N-Channel External MOSFETs
s
Provides 5V MOSFET Gate Drive with 3.3V Input
s
Excellent Output Regulation:
±1% Over Line, Load
and Temperature Variations
s
Constant Frequency Operation Minimizes
Inductor Size
s
High Efficiency: Over 90% Possible
s
No Low-Value Sense Resistor Needed
s
Available in 16-Lead SO Package
s
3.3V Input Power Supply for Low Voltage
Microprocessors and Logic
s
Low Input Voltage Power Supplies
s
High Power, Low Voltage Regulators
s
Local Regulation for Multiple Voltage Distributed
Power Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LTC
®1649 is a high power, high efficiency switching
regulator controller optimized for use with very low supply
voltages. It operates from 2.7V to 5V input, and provides
a regulated output voltage from 1.26V to 2.5V at up to 20A
load current. A typical 3.3V to 2.5V application features
efficiency above 90% from 1A to 10A load. The LTC1649
uses a pair of standard 5V logic-level N-channel external
MOSFETs, eliminating the need for expensive P-channel
or super-low-threshold devices.
The LTC1649 shares its internal switching architecture
with the LTC1430, and features the same
±1% line, load
and temperature regulation characteristics. Current limit
is user-adjustable without requiring an external low-value
sense resistor. The LTC1649 uses a 200kHz switching
frequency and voltage mode control, minimizing external
component count and size. Shutdown mode drops the
quiescent current to below 10
µA.
The LTC1649 is available in the 16-pin narrow SO package.
VCC
VOUT
2.5V
@15A
IMAX
SHDN
1
µF
G2
FB
VIN
VIN
3.3V
C+
LTC1649
PVCC2
PVCC1
G1
IFB
COMP
SS
C–
GND
CPOUT
1
µF
10
µF
MBR0530
0.1
µF
CC
0.01
µF
IRF7801 = INTERNATIONAL RECTIFIER
MBR0530 = MOTOROLA
*12TS-1R2HL = PANASONIC
RC
7.5k
LEXT*
1.2
µH
C1
220pF
10
µF
MBR0530
RIMAX
50k
22
Ω
1k
Q3
IRF7801
Q1, Q2
IRF7801
TWO IN
PARALLEL
COUT
4400
µF
CIN
3300
µF
SHDN
R2
12.7k
R1
12.4k
1649 TA01
+
0.33
µF
+
+
+
3.3V to 2.5V, 15A Converter
LTC1649 Efficiency
LOAD CURRENT (A)
1649 TA02
0.1
1
10
100
90
80
70
60
50
40
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO


Similar Part No. - LTC1649

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1649 LINER-LTC1649 Datasheet
218Kb / 16P
3.3V Input High Power Step-Down Switching Regulator Controller
LTC1649CS LINER-LTC1649CS Datasheet
218Kb / 16P
3.3V Input High Power Step-Down Switching Regulator Controller
LTC1649IS LINER-LTC1649IS Datasheet
218Kb / 16P
3.3V Input High Power Step-Down Switching Regulator Controller
LTC1649 LINER-LTC1649_1 Datasheet
218Kb / 16P
3.3V Input High Power Step-Down Switching Regulator Controller
LTC1649 LINER-LTC1649_15 Datasheet
224Kb / 16P
3.3V Input High Power Step-Down Switching Regulator Controller
More results

Similar Description - LTC1649

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1579 AIC-AIC1579 Datasheet
315Kb / 8P
Step-Down Switching Regulator Controller
logo
Linear Technology
LTC1430 LINER-LTC1430 Datasheet
211Kb / 16P
High Power Step-Down Switching Regulator Controller
LTC1430A LINER-LTC1430A Datasheet
356Kb / 24P
High Power Step-Down Switching Regulator Controller
LT1432-3.3 LINER-LT1432-3.3 Datasheet
269Kb / 8P
3.3V High Efficiency Step-Down Switching Regulator Controller
LTC1649 LINER-LTC1649_1 Datasheet
218Kb / 16P
3.3V Input High Power Step-Down Switching Regulator Controller
LT1432-3.3 LINER-LT1432-3.3_15 Datasheet
275Kb / 8P
3.3V High Efficiency Step-Down Switching Regulator Controller
LTC1430 LINER-LTC1430_15 Datasheet
231Kb / 16P
High Power Step-Down Switching Regulator Controller
LTC1649 LINER-LTC1649_15 Datasheet
224Kb / 16P
3.3V Input High Power Step-Down Switching Regulator Controller
LTC1430A LINER-LTC1430A_15 Datasheet
296Kb / 24P
High Power Step-Down Switching Regulator Controller
logo
ON Semiconductor
LV5069JA ONSEMI-LV5069JA Datasheet
344Kb / 20P
Step-down Switching Regulator Controller
March, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com