Electronic Components Datasheet Search
  English  ▼

X  

LTC1650C Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1650C
Description  Low Glitch 16-Bit Voltage Output DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1650C Datasheet(HTML) 1 Page - Linear Technology

  LTC1650C Datasheet HTML 1Page - Linear Technology LTC1650C Datasheet HTML 2Page - Linear Technology LTC1650C Datasheet HTML 3Page - Linear Technology LTC1650C Datasheet HTML 4Page - Linear Technology LTC1650C Datasheet HTML 5Page - Linear Technology LTC1650C Datasheet HTML 6Page - Linear Technology LTC1650C Datasheet HTML 7Page - Linear Technology LTC1650C Datasheet HTML 8Page - Linear Technology LTC1650C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1650
Low Glitch 16-Bit
Voltage Output DAC
The LTC
®1650 is a deglitched rail-to-rail voltage output
16-bit digital-to-analog converter (DAC) available in a
16-pin narrow SO package. It has 16-bit monotonicity
over temperature and includes a rail-to-rail output buffer
amplifier and an easy to use three-wire cascadable serial
interface. The LTC1650 operates with dual
±5V supplies.
With REFLO = 0V and REFHI = VREF, the output will swing
from 0V to VREF in unipolar mode or ±VREF in bipolar
mode.
The LTC1650 has excellent accuracy over its full operating
temperature range along with very low power dissipation
of 50mW with dual
±5V supplies. This, along with the
small outline package, makes it the most flexible high
resolution digital-to-analog converter available today.
The LTC1650 has a fast settling time of 4
µs to 16 bits and
a low midscale glitch of under 2nV-s. This makes the
LTC1650 ideal for waveform generation or other applica-
tions where output dynamic performance is important.
–
+
16-BIT DAC
POWER-ON RESET
SUPPLY SENSE
CLR
VRST
AVDD
5V
RSTOUT
VOUT
UNI/BIP
REFLO
DGND
1650 TA01
10
8
7
5
6
12,13
4.096V
5V
–5V
CS/LD
CLK
DIN
DOUT
REFHI
11
15
9
2
1
16
4
AVSS
14
DVDD
3
CODE
0
– 1.0
– 0.8
– 0.4
– 0.2
0
1.0
0.4
16384
32768
1650 TA02
– 0.6
0.6
0.8
0.2
49152
65535
Differential Nonlinearity
vs Input Code
s
16-Bit Monotonic Over Temperature
s
Low Glitch Impulse: 2nV-s
s
Low Noise: 30nV/
√Hz
s
Buffered Rail-to-Rail Voltage Output
s
Low Power: 50mW from
±5V Supplies
s
Unipolar or Bipolar Output (0V to VREF or ±VREF)
s
4-Quadrant Multiplying Capability
s
Asynchronous Clear to User-Defined Voltage
s
Power-On Reset
s
Three-Wire SPI and MICROWIRE
TM Compatible
Serial Interface
s
Schmitt Trigger On CLK Input Allows Direct
Optocoupler Interface
s
16-Pin Narrow SO Package
s
Industrial Process Control
s
Precision Industrial Equipment
s
Waveform Generation
s
Automatic Test Equipment
s
High Resolution Offset and Gain Adjustment
APPLICATIO S
TYPICAL APPLICATIO
FEATURES
DESCRIPTIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
MICROWIRE is a trademark of National Semiconductor Corporation.


Similar Part No. - LTC1650C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
303Kb / 20P
16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LTC1650 LINER-LTC1650 Datasheet
166Kb / 16P
16-Bit Rail-to-Rail Micropower DACs in
LTC1650 LINER-LTC1650 Datasheet
525Kb / 12P
Low Glitch 16-Bit Voltage Output DAC
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
Low Glitch 16-Bit Voltage Output DAC
More results

Similar Description - LTC1650C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8551IADGKRG4 TI1-DAC8551IADGKRG4 Datasheet
1,009Kb / 26P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT
DAC8565ICPWG4 TI1-DAC8565ICPWG4 Datasheet
1Mb / 49P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
logo
Linear Technology
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC8564 TI1-DAC8564_16 Datasheet
1Mb / 51P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
DAC8551-Q1 TI1-DAC8551-Q1_16 Datasheet
1Mb / 29P
DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC82002 TI-DAC82002 Datasheet
1Mb / 22P
DAC82002 16-Bit, Low-Glitch-Energy, Dual-Channel Voltage-Output, Unbuffered DAC
AUGUST 2022
DAC82001 TI-DAC82001 Datasheet
1Mb / 21P
DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
SEPTEMBER 2022
DAC82001 TI-DAC82001_V01 Datasheet
1Mb / 30P
DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
REVISED NOVEMBER 2022
DAC82002 TI-DAC82002_V01 Datasheet
2Mb / 32P
DAC82002 16-Bit, Low-Glitch, Dual-Channel Voltage-Output, Unbuffered DAC
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com