Electronic Components Datasheet Search
  English  ▼

X  

LTC1650C Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1650C
Description  Low Glitch 16-Bit Voltage Output DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1650C Datasheet(HTML) 5 Page - Linear Technology

  LTC1650C Datasheet HTML 1Page - Linear Technology LTC1650C Datasheet HTML 2Page - Linear Technology LTC1650C Datasheet HTML 3Page - Linear Technology LTC1650C Datasheet HTML 4Page - Linear Technology LTC1650C Datasheet HTML 5Page - Linear Technology LTC1650C Datasheet HTML 6Page - Linear Technology LTC1650C Datasheet HTML 7Page - Linear Technology LTC1650C Datasheet HTML 8Page - Linear Technology LTC1650C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1650
TYPICAL PERFOR A CE CHARACTERISTICS
Integral Nonlinearity (INL) vs
Input Code
CODE
0
16384
32768
49152
65535
1650 G01
5
4
3
2
1
0
–1
–2
–3
–4
–5
1
µs/DIV
1650 G03
CS/LD
5V/DIV
4.096V
0V
VOUT
1V/DIV
CODE
0
16384
32768
49152
65535
1650 G02
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
Differential Nonlinearity (DNL) vs
Input Code
Large Signal Settling Time
Large Signal Settling Time
Mid-Scale Glitch
Broadband Noise
500ns/DIV
1650 G05
CS/LD
5V/DIV
VOUT
10mV/DIV
1
µs/DIV
1650 G04
CS/LD
5V/DIV
VOUT
1V/DIV
4.096V
0V
50
µV/DIV
REFERRED
TO DAC
OUTPUT
BW = 100kHz
200
µs/DIV
1650 G06
Minimum Supply Headroom for
Full Output Swing vs Load Current
Reference Feedthrough
AVDD Supply Current vs
Temperature
FREQUENCY (Hz)
100
90
80
70
60
50
40
1
10k
1M
100M
1650 G08
100
LOAD CURRENT (mA)
0
5.0
10.0
15.0
1650 G07
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
∆ VOUT < 1LSB
VOUT = 4.096V
CODE: ALL 1’s
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1650 G09
5.5
5.4
5.3
5.2
5.1
5.0
4.9
4.8
4.7
4.6
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com