Electronic Components Datasheet Search
  English  ▼

X  

LTC1658 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1658
Description  14-Bit Rail-to-Rail Micropower DAC in MSOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1658 Datasheet(HTML) 3 Page - Linear Technology

  LTC1658 Datasheet HTML 1Page - Linear Technology LTC1658 Datasheet HTML 2Page - Linear Technology LTC1658 Datasheet HTML 3Page - Linear Technology LTC1658 Datasheet HTML 4Page - Linear Technology LTC1658 Datasheet HTML 5Page - Linear Technology LTC1658 Datasheet HTML 6Page - Linear Technology LTC1658 Datasheet HTML 7Page - Linear Technology LTC1658 Datasheet HTML 8Page - Linear Technology LTC1658 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1658
VCC = 2.7V to 5.5V, VOUT unloaded, REF ≤ VCC, TA = TMIN to TMAX, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance to GND
Input Code = 0
q
70
200
Ω
Output Line Regulation
Input Code = 16383, VCC = 2.7V to 5.5V, REF = 2.5V
q
1.5
mV/V
AC Performance
Voltage Output Slew Rate
q
0.35
1.0
V/
µs
Voltage Output Settling Time
(Note 3) to
±0.5LSB
12
µs
Digital Feedthrough
0.3
nV • s
Reference Input
RIN
REF Input Resistance
q
30
60
k
Ω
VREF
REF Input Range
(Notes 5, 6)
q
0VCC
V
Digital I/O
VIH
Digital Input High Voltage
VCC = 5V
q
2.4
V
VIL
Digital Input Low Voltage
VCC = 5V
q
0.8
V
VOH
Digital Output High Voltage
VCC = 5V, IOUT = – 1mA, DOUT Only
q
VCC – 0.7
V
VOL
Digital Output Low Voltage
VCC = 5V, IOUT = 1mA, DOUT Only
q
0.4
V
VIH
Digital Input High Voltage
VCC = 3V
q
2.0
V
VIL
Digital Input Low Voltage
VCC = 3V
q
0.6
V
VOH
Digital Output High Voltage
VCC = 3V, IOUT = – 1mA, DOUT Only
q
VCC – 0.7
V
VOL
Digital Output Low Voltage
VCC = 3V, IOUT = 1mA, DOUT Only
q
0.4
V
ILEAK
Digital Input Leakage
VIN = GND to VCC
q
±10
µA
CIN
Digital Input Capacitance
(Note 6)
q
10
pF
Switching (VCC = 4.5V to 5.5V)
t1
DIN Valid to CLK Setup
q
40
ns
t2
DIN Valid to CLK Hold
q
0ns
t3
CLK High Time
(Note 6)
q
40
ns
t4
CLK Low Time
(Note 6)
q
40
ns
t5
CS/LD Pulse Width
(Note 6)
q
50
ns
t6
LSB CLK to CS/LD
(Note 6)
q
40
ns
t7
CS/LD Low to CLK
(Note 6)
q
20
ns
t8
DOUT Output Delay
CLOAD = 15pF
q
5
100
ns
t9
CLK Low to CS/LD Low
(Note 6)
q
20
ns
Switching (VCC = 2.7V to 5.5V)
t1
DIN Valid to CLK Setup
q
60
ns
t2
DIN Valid to CLK Hold
q
0ns
t3
CLK High Time
(Note 6)
q
60
ns
t4
CLK Low Time
(Note 6)
q
60
ns
t5
CS/LD Pulse Width
(Note 6)
q
80
ns
t6
LSB CLK to CS/LD
(Note 6)
q
60
ns
t7
CS/LD Low to CLK
(Note 6)
q
30
ns
t8
DOUT Output Delay
CLOAD = 15pF
q
10
150
ns
t9
CLK Low to CS/LD Low
(Note 6)
q
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com