Electronic Components Datasheet Search
  English  ▼

X  

LTC1658 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1658
Description  14-Bit Rail-to-Rail Micropower DAC in MSOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1658 Datasheet(HTML) 5 Page - Linear Technology

  LTC1658 Datasheet HTML 1Page - Linear Technology LTC1658 Datasheet HTML 2Page - Linear Technology LTC1658 Datasheet HTML 3Page - Linear Technology LTC1658 Datasheet HTML 4Page - Linear Technology LTC1658 Datasheet HTML 5Page - Linear Technology LTC1658 Datasheet HTML 6Page - Linear Technology LTC1658 Datasheet HTML 7Page - Linear Technology LTC1658 Datasheet HTML 8Page - Linear Technology LTC1658 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1658
TYPICAL PERFOR A CE CHARACTERISTICS
Broadband Noise
TEMPERATURE (
°C)
–55
–25
5
35
65
95
125
1658 G06
5
4
3
2
1
0
–1
–2
–3
–4
–5
Gain Error vs Temperature
BW = 1Hz TO
200
µs/DIV
1658 G08
100kHz
PIN FUNCTIONS
CLK (Pin 1): The TTL Level Input for the Serial Interface
Clock.
DIN (Pin 2): The TTL Level Input for the Serial Interface
Data. Data on the DIN pin is latched into the shift register
on the rising edge of the serial clock and is loaded MSB
first. The LTC1658 requires a 16-bit word to be loaded in.
The last two bits are don’t cares.
CS/LD (Pin 3): The TTL Level Input for the Serial Inter-
face Enable and Load Control. When CS/LD is low the
CLK signal is enabled, so the data can be clocked in.
When CS/LD is pulled high, data is loaded from the shift
register into the DAC register, updating the DAC output.
DOUT (Pin 4): Output of the Shift Register Which Becomes
Valid on the Rising Edge of the Serial Clock.
GND (Pin 5): Ground.
REF (Pin 6): Reference Input. There is a gain of one from
this pin to the output. When tied to VCC the output will
swing from GND to VCC. The output can only swing to
within it’s offset specification of VCC (see Applicatons
Information).
VOUT (Pin 7): Buffered Rail-to-Rail DAC Output.
VCC (Pin 8): Positive Supply Input. 2.7V ≤ VCC ≤ 5.5V.
1LSB/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com