Electronic Components Datasheet Search
  English  ▼

X  

LTC1596ACSW Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1596ACSW
Description  Serial 16-Bit Multiplying DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1596ACSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1596ACSW Datasheet HTML 4Page - Linear Technology LTC1596ACSW Datasheet HTML 5Page - Linear Technology LTC1596ACSW Datasheet HTML 6Page - Linear Technology LTC1596ACSW Datasheet HTML 7Page - Linear Technology LTC1596ACSW Datasheet HTML 8Page - Linear Technology LTC1596ACSW Datasheet HTML 9Page - Linear Technology LTC1596ACSW Datasheet HTML 10Page - Linear Technology LTC1596ACSW Datasheet HTML 11Page - Linear Technology LTC1596ACSW Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1595/LTC1596/LTC1596-1
Bipolar (4-Quadrant Multiplying) Mode
(VOUT = – VREF to VREF)
The LTC1595/LTC1596 can be used with a dual op amp
and three external resistors to provide 4-quadrant multi-
plying operation as shown in Figure 2 (last page). With a
fixed 10V reference, the circuits shown give a precision
bipolar –10V to 10V output swing. Using the LTC1596-1
will cause the power-on reset and clear pin to reset the DAC
to midscale (bipolar zero).
Op Amp Selection
Because of the extremely high accuracy of the 16-bit
LTC1595/LTC1596, thought should be given to op amp
selection in order to achieve the exceptional performance
of which the part is capable. Fortunately, the sensitivity of
INL and DNL to op amp offset has been greatly reduced
compared to previous generations of multiplying DACs.
Op amp offset will contribute mostly to output offset and
gain and will have minimal effect on INL and DNL. For
example, a 500
µV op amp offset will cause about 0.55LSB
APPLICATIONS INFORMATION
INL degradation and 0.15LSB DNL degradation with a 10V
full-scale range. The main effects of op amp offset will be
a degradation of zero-scale error equal to the op amp
offset, and a degradation of full-scale error equal to twice
the op amp offset. For example, the same 500
µV op amp
offset will cause a 3.3LSB zero-scale error and a 6.5LSB
full-scale error with a 10V full-scale range.
Op amp input bias current (IBIAS) contributes only a zero-
scale error equal to IBIAS(RFB) = IBIAS(RREF) = IBIAS(7k).
Table 2 shows a selection of LTC op amps which are
suitable for use with the LTC1595/LTC1596. For a thor-
ough discussion of 16-bit DAC settling time and op amp
selection, refer to Application Note 74, “
Component and
Measurement Advances Ensure 16-Bit DAC Settling Time.”
Grounding
As with any high resolution converter, clean grounding is
important. A low impedance analog ground plane and star
grounding should be used. IOUT2 (LTC1596) and GND
(LTC1595) must be tied to the star ground with as low a
resistance as possible.
Table 2. 16-Bit Settling Time for Various Amplifiers Driven by the LT1595 DAC. LT1468 (Shaded) Offers Fastest Settling Time While
Maintaining Accuracy Over Temperature
CONSERVATIVE SETTLING TIME
AMPLIFIER
AND COMPENSATION VALUE
COMMENTS
LT1001
120
µs
100pF
Good Low Speed Choice
LT1007
19
µs
100pF
IB Gives ≈1LSB Error at 25°C
LT1013
75
µs
150pF
≈1LSB Error Due to VOS over Temperature
LT1077
200
µs
100pF
LT1097
120
µs
75pF
Good Low Speed Choice
LT1112
120
µs
100pF
Good Low Speed Choice Dual
LT1178
450
µs
100pF
Low Power Dual
LT1468
2.5
µs
30pF
Fastest Settling with 16-Bit Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com