Electronic Components Datasheet Search
  English  ▼

X  

LTC1596ACSW Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1596ACSW
Description  Serial 16-Bit Multiplying DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1596ACSW Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1596ACSW Datasheet HTML 4Page - Linear Technology LTC1596ACSW Datasheet HTML 5Page - Linear Technology LTC1596ACSW Datasheet HTML 6Page - Linear Technology LTC1596ACSW Datasheet HTML 7Page - Linear Technology LTC1596ACSW Datasheet HTML 8Page - Linear Technology LTC1596ACSW Datasheet HTML 9Page - Linear Technology LTC1596ACSW Datasheet HTML 10Page - Linear Technology LTC1596ACSW Datasheet HTML 11Page - Linear Technology LTC1596ACSW Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1595/LTC1596/LTC1596-1
©LINEAR TECHNOLOGY CORPORATION 1997
159561fa LT/TP 0299 2K REV A • PRINTED IN USA
TYPICAL APPLICATIONS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
Figure 2. Bipolar Operation (4-Quadrant Multiplication) VOUT = – VREF to VREF
VDD VREF
LTC1596-1
RFB
AGND
DGND
3
12
10
4
7
5
6
9
8
11
2
14
13
5V
VREF
–10V TO 10V
TO NEXT DAC
FOR DAISY-CHAINING
15
16
1
OUT1
33pF
R1
10k
(20k
÷ 2)
R2
20k
R3
20k
0.1
µF
VOUT
–VREF TO VREF
RESISTORS: CADDOCK T914-20K-010-02
(OR EQUIVALENT) 20k, 0.01%, TC TRACK = 2ppm/
°C
1595/96 F02a
OUT2
1/2 LT1112
CLR
STB3
STB1
SRI
LD1
SRO
LD2
STB2
STB4
µP
1/2 LT1112
(a)
7
6
5
5V
µP
0.1
µF
VDD VREF
LTC1595
RFB
GND
4
8
VREF
–10V TO 10V
CLK
SRI
LD
1
2
3
OUT1
VOUT
–VREF TO VREF
1595/96 F02b
1/2 LT1112
R3
20k
R1
10k
(20k
÷ 2)
R2
20k
1/2 LT1112
33pF
(b)
Table 3. Bipolar Offset Binary Code Table
DIGITAL INPUT
BINARY NUMBER
IN DAC REGISTER
VREF (32,767/32,768)
VREF (1/32,768)
0V
–VREF (1/32,768)
–VREF
LSB
1111 1111 1111
0000 0000 0001
0000 0000 0000
1111 1111 1111
0000 0000 0000
ANALOG OUTPUT
VOUT
MSB
1111
1000
1000
0111
0000
PART NUMBER
DESCRIPTION
COMMENTS
DACs
LTC1590
Dual Serial I/O Multiplying IOUT 12-Bit DAC
16-Pin SO and PDIP, SPI Interface
LTC1597
Parallel 16-Bit Current Output DAC
Low Glitch,
±1LSB Maximum INL, DNL
LTC1650
Serial 16-Bit Voltage Output DAC
Low Noise and Glitch Rail-to-Rail VOUT
LTC1658
Serial 14-Bit Voltage Output DAC
Low Power, 8-Lead MSOP Rail-to-Rail VOUT
LTC7543/LTC8143/LTC8043
Serial I/O Multiplying IOUT 12-Bit DACs
Clear Pin and Serial Data Output (LTC8143)
ADCs
LTC1418
14-Bit, 200ksps 5V Sampling ADC
16mW Dissipation, Serial and Parallel Outputs
LTC1604
16-Bit, 333ksps Sampling ADC
±2.5V Input, SINAD = 90dB, THD = 100dB
LTC1605
Single 5V, 16-Bit 100ksps ADC
Low Power,
±10V Inputs
LTC2400
24-Bit,
∆∑ ADC in SO-8
1ppm (4ppm) Offset (Full Scale), Internal 50Hz/60Hz Notches
Op Amps
LT1001
Precision Operational Amplifier
Low Offset, Low Drift
LT1112
Dual Low Power, Precision Picoamp Input Op Amp
Low Offset, Low Drift
LT1468
90MHz, 22V/
µs, 16-Bit Accurate Op Amp
Precise, 1
µs Settling to 0.0015%
References
LT1236
Precision Reference
Ultralow Drift, 5ppm/
°C, High Accuracy 0.05%
LT1634
Micropower Reference
Ultralow Drift, 10ppm/
°C, High Accuracy 0.05%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com