Electronic Components Datasheet Search
  English  ▼

X  

LTC1710 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1710
Description  SMBus Dual Monolithic High Side Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1710 Datasheet(HTML) 3 Page - Linear Technology

  LTC1710 Datasheet HTML 1Page - Linear Technology LTC1710 Datasheet HTML 2Page - Linear Technology LTC1710 Datasheet HTML 3Page - Linear Technology LTC1710 Datasheet HTML 4Page - Linear Technology LTC1710 Datasheet HTML 5Page - Linear Technology LTC1710 Datasheet HTML 6Page - Linear Technology LTC1710 Datasheet HTML 7Page - Linear Technology LTC1710 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1710
ELECTRICAL CHARACTERISTICS T
A = 25°C, VCC = SW0D = 5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tON
Output Turn-On Time
VCC = 2.7V (From ON (Note 6) to VOUT = 90% VCC)
200
µs
(100
Ω/1µF Load)
VCC = 5.5V (From ON (Note 6) to VOUT = 90% VCC)
160
µs
tOFF
Output Turn-Off Time
VCC = 2.7V (From OFF (Note 7) to VOUT = 10% VCC)
250
µs
(100
Ω/1µF Load)
VCC = 5.5V (From OFF (Note 7) to VOUT = 10% VCC)
250
µs
VIL
DATA/CLK Input Low Voltage
VCC = 2.7V to 5.5V
q
0.6
V
AD1 Input Low Voltage
VCC = 2.7V to 5.5V
q
0.2
V
VIH
DATA/CLK High Voltage
VCC = 2.7V to 5.5V
q
1.4
V
AD1 Input High Voltage
VCC = 2.7V to 5.5V
q
VCC – 0.2
V
VOL
Data Output Low Voltage
VCC = 2.7V to 5.5V, IPULL-UP = 350µA
q
0.18
0.4
V
CIN
Input Capacitance (DATA, CLK, AD1)
5
pF
IIN
Input Leakage Current (DATA, CLK)
q
±1
µA
Input Leakage Current (AD1)
q
±250
nA
SMBus Related Specifications (Note 5)
fSMB
SMBus Operating Frequency
10
100
kHz
tBUF
Bus Free Time Between
4.7
µs
Stop and Start
tSU:STA
Start Condition Setup Time
4.7
µs
tHD:STA
Start Condition Hold Time
4.0
µs
tSU:STO
Stop Condition Setup Time
4.0
µs
tHD: DAT
Data Hold Time
300
ns
tSU:DAT
Data Setup Time
250
ns
tLOW
Clock Low Period
4.7
µs
tHIGH
Clock High Period
4.0
50
µs
tf
Clock/Data Fall Time
300
ns
tr
Clock/Data Rise Time
1000
ns
IPULL-UP
Current Through External Pull-Up
VCC = 2.7V to 5.5V
100
350
µA
Resistor on DATA Pin
(Open-Drain Data Pull-Down Current Capacity)
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Approximately 3% hysteresis is provided to ensure stable operation
and eliminate false triggering by minor VCC glitches.
Note 3: Measured from VCC > VUVLO to SMBus ready for DATA input.
Note 4: The oscillator frequency is not tested directly but is inferred from
turn-on time.
Note 5: SMBus timing specifications are guaranteed but not tested.
Note 6: ON is enabled upon receiving the Stop condition from the SMBus
master.
Note 7: OFF is enabled upon receiving the Stop condition from the SMBus
master.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com