| Electronic Components Datasheet Search |
|
LTC1710 Datasheet(PDF) 4 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1710 Datasheet(HTML) 4 Page - Linear Technology |
|
4 / 8 page ![]() 4 LTC1710 TYPICAL PERFOR A CE CHARACTERISTICS TEMPERATURE ( °C) –50 10 100 1710 G01 0 0 50 20 30 40 50 VCC = 3.3V VCC = 5V VCC = 2.7V Standby Current vs Temperature Switch RDS(ON) vs Temperature (SO-8 Package) TEMPERATURE ( °C) 0 0.1 0.3 0.4 0.5 1.0 0.7 –50 050 1710 G04 0.2 0.8 0.9 0.6 100 VCC = 2.7V VCC = 3.3V VCC = 5V IOUT = 300mA SUPPLY VOLTAGE (V) 0 0 100 200 300 400 500 24 1710 G03 68 BOTH SW ON SW1 ON TA = 25°C SW0 ON Supply Current (IQ) vs Supply Voltage TEMPERATURE ( °C) 200 300 100 1710 G06 100 0 –50 0 50 400 IPULL-UP = 350µA TEMPERATURE ( °C) –50 100 100 1710 G02 0 0 50 200 300 400 500 BOTH SW ON SW1 ON VCC = 5V SW0 ON Supply Current (IQ) vs Temperature Switch RDS(ON) vs Temperature (MSOP Package) TEMPERATURE ( °C) 0 0.6 0.8 1.0 80 1710 G05 0.4 0.2 0.5 0.7 0.9 0.3 0.1 0 20 40 60 100 VCC = 2.7V VCC = 5V VCC = 3.3V IOUT = 300mA Data ACK VOL vs Temperature PIN FUNCTIONS SW0D (Pin 1): Drain Supply of Switch 0. User-program- mable from 0V to VCC. OUT0 (Pin 2): Source Output of Switch 0. Maximum load of 300mA; controlled by LSB of command byte. AD1 (Pin 3): Three-State Programmable Address Pin. Must be connected directly to VCC, GND or VCC/2 (using two resistors ≤1M). Do not float this pin. GND (Pin 4): Ground Connection. CLK (Pin 5): Serial Clock Interface. Must be pulled high to VCC with external resistor. The pull-up current must be limited to 350 µA. DATA (Pin 6): Open-Drain Connected Serial Data Inter- face. Must be pulled high to VCC with external resistor. The pull-up current must be limited to 350 µA. OUT1 (Pin 7): Source Output of Switch 1. Maximum load of 300mA; controlled by 2nd LSB of command byte. VCC (Pin 8): Input Supply Voltage. Operating range from 2.7V to 5.5V. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |